Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF52 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SF52
Description  5 A, Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF52 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF52 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF52 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SF51 ~ SF55
VOLTAGE 50 ~ 600 V
5 A, Super Fast Rectifiers
01-June-2008 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
High speed switching
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 1.1050 grams (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SF51
SF52
SF53
SF54
SF55
UNITS
Max. Repetitive Peak Reverse Voltage
50
100
200
400
600
V
Max. RMS Voltage
35
70
140
280
420
V
Max. DC Blocking Voltage
50
100
200
400
600
V
Max. Average Forward Rectified Current
0.375” (9.5 mm) Lead Length at TA = 55°C
5.0
A
Peak Forward Surge Current 8.3 ms single
half sine-wave superimposed on rated load
(JEDEC method)
100
A
Max. Instantaneous Forward Voltage at 5.0A
1.0
1.30
1.70
V
Max. DC Reverse Current
at Rated DC Blocking Voltage
TA = 25°C
TA = 100°C
5.0
50
μA
Maximum Reverse Recovery Time (Note 1)
35
50
nS
Typical Junction Capacitance (Note 2)
50
pF
Storage temperature
-65 ~ +150
°C
Notes: 1. Reverse Recovery Time test conditions: IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A
2. Measured at 1 MHz and applied reverse voltage of 4.0 V D.C.
A
C
B
A
D
Millimeter
REF.
Min.
Max.
A
25.4 (TYP)
B
7.20
9.53
C
5.00
5.60
D
1.20
1.32
DO-27


Similar Part No. - SF52

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF52 MOSPEC-SF52 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
logo
Won-Top Electronics
SF52 WTE-SF52 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Rectron Semiconductor
SF52 RECTRON-SF52 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
logo
Bytes
SF52 BYTES-SF52 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF52 DCCOM-SF52 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results

Similar Description - SF52

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF51G SECOS-SF51G Datasheet
161Kb / 2P
5 A, Glass Passivated Super Fast Rectifiers
SF21 SECOS-SF21_09 Datasheet
150Kb / 2P
2 A, Super Fast Rectifiers
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
DIYI Electronic Technol...
SF51 DYELEC-SF51 Datasheet
614Kb / 2P
5 .0 AMP. Super Fast Rectifiers
logo
Bytesonic Electronics C...
ES5A BYTESONIC-ES5A Datasheet
447Kb / 2P
5 AMP SUPER FAST RECTIFIERS
2018/3/5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com