Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGSCLM358 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SGSCLM358
Description  Dual Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGSCLM358 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SGSCLM358 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGSCLM358 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGSCLM358 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGSCLM358 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SGSCLM358
Dual Operational Amplifier
01-June-2003 Rev. A
Page 1 of 4
RoHS Compliant Product
A suffix of “-C” specifies halogen or lead -free
DESCRIPTION
The SGSCLM358 consists of two independent high gains, internally frequency compensated operational amplifier. It
can be operated from a Single power supply and also split power supplies.
FEATURES
Input Common-Mode Voltage Range Include Ground
Large DC Voltage Gain
Internally Frequency Compensated For Unity Gain
Wide Power Supply Range 3V-32V
PACKAGE DIMENSIONS
APPLICATIONS
General Purpose Amplifier
Transducer Amplifier
PIN CONFIGURATIONS
BLOCK DIAGRAMS
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0
8
J
0.375 REF.
E
0.40
0.90
K
45
F
0.19
0.25
G
1.27 TYP.
LM358
Date Code
1
5
7
8
2
3
4
6


Similar Part No. - SGSCLM358

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
Universal DC To DC Converter
SGSC34119 SECOS-SGSC34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
More results

Similar Description - SGSCLM358

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com