Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGSCLM358 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SGSCLM358
Description  Dual Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGSCLM358 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SGSCLM358 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGSCLM358 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGSCLM358 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGSCLM358 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SGSCLM358
Dual Operational Amplifier
01-June-2003 Rev. A
Page 2 of 4
MAXIMUM RATINGS
Parameter
Value
Units
Supply Voltage
(Vcc)
±16 or 32
V
Differential Input Voltage (VI(DIFF))
±32
V
Input Voltage (VI)
-0.3 ~+32
V
Output Short to Ground
Continuous
Operating & Junction Temperature (TOPR, TSTG)
0~+70, -65~+150
°C
RECOMMENDED OPERATING CONDITIONS
(Vcc=5.0V VEE=GND,TA=25°C,unless otherwise specified)
Characteristics
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Offset Voltage
VIO
-
2.9
7.0
mV
VCM=0V to VCC-1.5V VO(P)=1.4V,
RS=0Ω
Input Offset Current
IIO
-
5
50
nA
Input Bias Current
IBIAS
-
45
250
nA
Input Common Mode Voltage
VI(R)
0
-
VCC-1.5
V
VCC=30V
-
0.8
2.0
mA
RL=∞, VCC=30V
Power Supply Current
ICC
-
0.5
1.2
mA
RL=∞, Full Temperature
Large Signal Voltage Gain
GV
25
100
-
V/mV
VCC=15V, RL>=2K VO(P)=1V to 11V
VO(H)
26
27
-
28
-
-
V
VCC=30V, RL=2KΩ
VCC=30V, RL=10KΩ
Output Voltage Swing
VO(L)
-
5
20
mV
VCC=5V, RL>=10KΩ
Common Mode Rejection Ratio
CMRR
65
80
-
dB
Power Supply Rejection Ration
PSRR
65
100
-
dB
Channel Separation
CS
-
120
-
dB
F=1KHZ to 20KHZ
Short Circuit Current to Ground
ISC
-
40
60
mA
Output Current
ISOURCE
10
30
-
mA
VI(+)= 1V, VI(-)=0V VCC=15V, VO(P)=2v
ISINK
10
15
-
mA
VI(+)=0V,,VI(-)=1V VCC=15V,VO(P)=2V
12
100
-
μA
VI(+)=0V, VI(-)=1V VCC=15V, VO(P)=200mV
Differential Input Voltage
VI(DIFF)
-
-
VCC
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com