Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH236 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SH236
Description  Hall Effect Latch Sink Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SH236 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SH236 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SH236 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SH236 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SH236 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SH236 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SH236 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Storage Temperature Range
Package Power Dissipation
Supply Voltage
Reverse VCC Polarity Voltage
Magnetic Flux Density
Output OFF Voltage
Output ON Current
Parameter
Symbol
Value
Unit
V
V
V
C
mW
VCC
VRCC
TA
20
-35
200
Unlimited
-65~150
550
35
o
Absolute Maximum Ratings at Ta= 25 C
Operating Temperature Range
Max. Junction Temperature
B
VCE
Tj
PD
-20~85
175
C
o
C
o
o
IC
TS
mA
400
700
Continuous
Hold
Peak (Start UP)
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 6
Function Block Diagrams
Electrical Characteristics (Ta=+25 , Vcc=4.0V to 20V)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Low Supply Voltage
Vce
Vcc=3.5V, IL=100mA
-
0.4
-
V
Supply Voltage
Vcc
-
3.5
-
20
V
Output Saturation Voltage
Vce(sat) Vcc=14V, IL=300mA
-
0.6
0.9
V
Output Leakage Current
ICex
Vce=14V, Vcc=14V
-
<0.1
10
uA
Supply Current
ICC
Vcc=20V, Output Open
-
13
20
mA
Output Rise Time
Tr
Vcc=14V, RL=820 , CL=20pf
-
3.0
10
us
Output Falling Time
Tf
Vcc=14V, RL=820 , CL=20pf
-
0.3
1.5
us
Switch Time Differential
t
Vcc=14V, RL=820 , CL=20pf
-
3.0
10
us
SH236
Complementary Output
Hall Effect Latch Sink Driver IC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com