Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH236 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SH236
Description  Hall Effect Latch Sink Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SH236 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SH236 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SH236 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SH236 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SH236 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SH236 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SH236 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
01-Jun-2002 Rev. A
Page
3 of 6
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
Power dissipation VS. Environment Temperature
Ta( )
:
25
50
60
70
80
85
90
95 100 105 110 115 120
Pd(mW) 550 525 515 505 485 475 465 455 445 425 405 385 365
Magnetic Characteristics
Ta=+25 ::::
Ta=0 to 70
::::
::::
Characteristic
Symbol
Min
Max
Min
Max
Unit
BIN A
Bop
-
70
-
70
Gauss
BIN B
Bop
-
100
-
100
Gauss
Operate Point
BIN C
Bop
-
130
-
130
Gauss
BIN A
Brp
-70
0
-70
0
Gauss
BIN B
Brp
-100
-
-100
-
Gauss
Release Point
BIN C
Brp
-130
-
-130
-
Gauss
BIN A
Bhys
40
110
20
140
Gauss
BIN B
Bhys
50
150
30
200
Gauss
Hysteresis
BIN C
Bhys
60
160
40
220
Gauss
Test Circuit
CL1
CL2
14V
Vout1(DO)
Vout2(DOB)
RL1=RL2=820 Ohm
CL1=CL2=20 pF
RL2
RL1
P o w e r D is s ip a tio n C u rve
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T a (ºC )
P d (m W )
SH236
Complementary Output
Hall Effect Latch Sink Driver IC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com