Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH6853 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SH6853
Description  Hall Effect Switch IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SH6853 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SH6853 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SH6853 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SH6853 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SH6853 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
01-Jun-2002 Rev. A
Page
3 of 4
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
Test Circuit
CL
16V
Vout(DO)
RL=820 Ohm
CL=20 pF
RL
Power dissipation vs. Environment Temperature
Ta( )
:
25 50
60
70
80
85
90
95 100 105 110 115 125
150
Pd(mW) 275 262 257 252 242 237 232 227 222 212 202 192 182
100
Electrical Characteristics Curves
¯ˆ
¯
‡‡‡Øœł‡»Ø‡…
‡‡‡Øœł‡»Ø‡…
‡‡‡Øœł‡»Ø‡…
‡‡‡Øœł‡»Ø‡…
ˆ
˙ˆ
ˆ
˙
¸
˜˙
˜¯ ˜
ł‡‡`‡‡Øœł‡ø‡‡
ł‡‡`‡‡Øœł‡ø‡‡
ł‡‡`‡‡Øœł‡ø‡‡
ł‡‡`‡‡Øœł‡ø‡‡
˜ˆ
¸ˆ
˜ˆˆ
˜˜ˆ
Ø—˜Ø
Ø—˜Ø
Ø—˜Ø
Ø—˜Ø
˜
¯
˘
‡Øœł‡»Ø…
‡Øœł‡»Ø…
‡Øœł‡»Ø…
‡Øœł‡»Ø…
¨
ˆ
˙
˚
ˆ
¨ ‡˜ˆ ˜¨ ¯ˆ ¯¨ ˘ˆ
‡`‡‡Øœł‡‡øøłł‡ł`
‡`‡‡Øœł‡‡øøłł‡ł`
‡`‡‡Øœł‡‡øøłł‡ł`
‡`‡‡Øœł‡‡øøłł‡ł`
¸
˜¨ˆ‡łœ‡
¯¨‡łœ‡
˙ˆ‡łœ‡
Current capacity vs. supply voltage for DO pin
Icc v.s Vcc at Different Temp
P o w e r D is s ip a t io n C u r v e
1 0 0
1 5 0
2 0 0
2 5 0
3 0 0
0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T a ( °C )
P d ( m W )
SH6853
Single Output
Hall Effect Switch IC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com