Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH6853 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SH6853
Description  Hall Effect Switch IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SH6853 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SH6853 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SH6853 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SH6853 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SH6853 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
01-Jun-2002 Rev. A
Page
4 of 4
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
Magnetic Characteristics
Ta=+25 :
Ta=0
to
:
+70 :
Characteristic
Symbol
Min
Max
Min
Max
Unit
Operate Point
G6853
Bop
150
300
150
300
Gauss
Release Point
G6853
Brp
100
-
100
-
Gauss
Hysteresis
G6853
Bhys
30
60
30
60
Gauss
Hysteresis Characteristics
SH6853
2
OP
ON
OFF
RP
-200
200
100
-100
0
Magnetic Flux Density in Gauss
DO
12
10
8
6
4
-300
300
Package Information
Active Area Depth
1
2
3
Package Sensor Location
0.51mm
NOM
BRANDED
SURFACE
Max:2.13mm
Min:1.87mm
Max:1.53mm
Min:1.27mm
SH6853
Single Output
Hall Effect Switch IC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com