Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP2950 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SLP2950
Description  Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLP2950 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SLP2950 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLP2950 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLP2950 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SLP2950
100mA Low-Dropout
Voltage Regulator
Description
The SLP2950 is a monolithic integrated voltage regulator with low dropout
voltage, and low quiescent current. It includes many features that suitable
for different applications.
* Very Low Temperature Coefficient
Features
*
Current And Thermal Limiting
*
Extremely Tight Load And Line Regulation
* High Accuracy 2.5,3.0,3.3,3.6 or 5.0V Fixed Output
* Extremely Low Quiescent Current And Dropout Voltage
Applications
*
Cellular Phones
*
Battery Powered Equipment
Application Circuit
01-Jun-2002 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
b
e
SEATING
PLANE
b1
D
C
S1
E
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Millimeter
Millimeter
TO-92
Input Voltage
Output Current
Output Voltage
Storage Temperature
Max. Juction Temperature
Parameter
Symbol
Ratings
Unit
V
V
VCC
IOUT
-0.3~+30
100
150
-65~+150
Absolute Maximum Ratings
VOUT
TSTG
Tjmax
C
o
C
o
2.5~5.0
Operating Juction Temperature
-40~+150
Tj
C
o
mA
SLP2950


Similar Part No. - SLP2950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLP290B51 ETC1-SLP290B51 Datasheet
52Kb / 1P
LED lamp
More results

Similar Description - SLP2950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC10XX ETC-SC10XX Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com