Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP2950 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SLP2950
Description  Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLP2950 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SLP2950 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLP2950 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLP2950 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 3
SLP2950
100mA Low-Dropout
Voltage Regulator
Electrical Characteristics (TJ=25 : , VIN=6V, IO=100 A, and Co=1 F, unless otherwise specified)
Parameter
Symbol
Condition
Min
TYP
Max
Unit
S
LP2950-25
2.45
2.5
2.55
S
LP2950-30
2.94
3.0
3.06
S
LP2950-33
3.23
3.3
3.36
S
LP2950-36
3.53
3.6
3.67
Output Voltage
VOUT
S
LP2950-50
100 A IO 100mA
TJ TJMAX
4.90
5.0
5.10
V
Line Regulation
REGLINE
VO+1 VIN 30V
-
0.04
0.4
%
Load Regulation
REGLOAD
100 A IO 100mA
-
0.1
0.3
%
Current Limit
ILIM
VOUT=0
-
160
200
mA
Output Voltage
Temperature Coefficient
TC
-
20
ppm/ :
IO
=100 A
-
50
80
Dropout Voltage
VDROPOUT
IO
=100mA(Note1)
-
380
450
mV
IO
=100 A
-
75
120
A
Ground Current
IO
=100mA
-
8
12
mA
Dropout Ground Current
IQ
VIN=VO-0.5V, IO=100 A
-
110
170
A
Co=1 F
-
430
-
Output Voltage Noise
f=10Hz~100kHz
eN
Co=200 F
-
160
-
V
Note 1: Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value
measured at 1V differential.
Characteristics Curve
Fig 1. Dropout Characteristics
Fig 2. Input Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com