Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3B15AP-R-YB Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # G3B15AP-R-YB
Description  Ultra-Miniature Process Sealed SMT Pushbuttons
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

G3B15AP-R-YB Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  G3B15AP-R-YB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature Process Sealed SMT Pushbuttons
Series G3B
(0.6) Typ
.024
Slot
(5.0)
.197
(9.0)
.354
(0.1)
.004
(0.7)
.028
(0.25) Typ
.010
(1.5)
.059
(2.0) Dia
.079
(4.0) Dia
.157
(3.3)
.130
(5.08)
.200
Support Legs
4
5 COM
6
(8.5)
.335
(0.5) Typ
.020
(7.6)
.299
(8.5)
.335
4
5 COM
6
(0.5) Typ
.020
(7.6)
.299
1
2
3
(0.6) Typ
.024
Slot
(5.0)
.197
(9.0)
.354
(0.1)
.004
(0.7)
.028
(0.25) Typ
.010
(1.5)
.059
(2.0) Dia
.079
(4.0) Dia
.157
(3.3)
.130
(5.08)
.200
Support Legs
(3.8)
.150
(1.2) Typ
.047
4
5 COM
6
(11.0)
.433
(0.5) Typ
.020
(0.9) Typ
.035
(7.6)
.299
(3.8)
.150
(1.2) Typ
.047
4
5COM
6
(11.0)
.433
(0.5) Typ
.020
(0.9) Typ
.035
(7.6)
.299
1
2
3
(5.55)
.219
6
5
4
(0.1)
.004
COM
(0.25)
.010
(1.5)
.059
(3.8) Typ
.150
(2.54) Typ
.100
(1.25) Typ
.049
(0.5) Typ
.020
(0.9) Typ
.035
(11.0)
.433
(0.55)
.022
(9.0)
.354
(3.3)
.130
(2.0) Dia
.079
(4.0) Dia
.157
Slot
(8.5)
.335
(0.25) Typ
.010
6
5
4
(5.55)
.219
(0.1)
.004
COM
3
2
1
Single Pole
Double Pole
TYPICAL SWITCH DIMENSIONS
Right Angle Mounting
Upright Mounting with Bracket
Single & Double Pole
G3B25AP
G3B15AB
Upright Mounting
Single & Double Pole
G3B15AH
Cap Colors Available:
Black
White
Red
A
B
C
PLUNGER & OPTIONAL CAPS
.130” (3.3mm)
Long Plunger
A
(3.8)
.150
(4.0) Dia
.157
(2.4)
.094
(2.0) Dia
.079
(3.3)
.130
Process Compatible Cap
.157” (4.0mm) Diameter
Y
Factory assembled.
Available with tape-reel or
stick-tube packaging only.
Material: Polyamide
Finish: Glossy
Actual Size
AT4063 Slip-on Cap
.157” (4.0mm) Diameter
X
Available with bulk pack-
aging only. Cap must be
installed after processing.
Material: Polyamide
Finish: Glossy



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com