Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3B15AP-R-YB Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # G3B15AP-R-YB
Description  Ultra-Miniature Process Sealed SMT Pushbuttons
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

G3B15AP-R-YB Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  G3B15AP-R-YB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. G3B15AP-R-YB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature Process Sealed SMT Pushbuttons
Series G3B
Distinctive Characteristics
Ultra-miniature size allows high density mounting, and extremely light weight
of 0.6 gram makes these switches ideal for handheld equipment.
Tape-reel and stick-tube packaging allow rapid automated
placement of surface mount devices. Tape-reel packaging
meets EIA-481-2 Standard.
Heat resistant resin used for housing, base, and plunger
allows vapor phase and infrared convection reflow
soldering.
Combination of design features achieves total seal and
allows automated processing techniques, including flux
cleaning procedures: one-piece bushing and housing,
rubber seals surrounding actuator and base, epoxy at
joint of case and base, and molded-in, epoxy-sealed
terminals.
Award-winning STC contact mechanism with
benefits unavailable in conventional mechanisms:
smoother, positive detent actuation, increased contact
stability and unparalleled logic-level reliability. (Additional
STC details in Terms & Acronyms; see Supplement section.)
Gull-wing terminals provide mechanical stability during soldering
and simplified solder joint inspection.
Coplanarity: all considered surfaces must lie between two parallel planes that are
a maximum distance apart of .0059” (0.15mm). (Additional coplanarity details in
Terms and Acronyms in the Supplement section.)
Actual Size


Similar Part No. - G3B15AP-R-YB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3B15AP-R-YB ETC2-G3B15AP-R-YB Datasheet
407Kb / 6P
Ultra-Miniature Process Sealed SMT Pushbuttons
logo
Nihon Kaiheiki Industry...
G3B15AP-R-YB NKK-G3B15AP-R-YB Datasheet
405Kb / 6P
Ultra-Miniature Process Sealed SMT Pushbuttons
More results

Similar Description - G3B15AP-R-YB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
Process Sealed Subminiature Pushbuttons
G3T12AP-R NKK-G3T12AP-R Datasheet
257Kb / 6P
Ultra-Miniature Process Sealed SMT Toggles
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
Process Sealed Ultra-Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
Process Sealed Ultra-Miniature Pushbuttons
G3B15AB ETC2-G3B15AB Datasheet
407Kb / 6P
Ultra-Miniature Process Sealed SMT Pushbuttons
G3TOGGLES ETC2-G3TOGGLES Datasheet
618Kb / 6P
Process Sealed Ultra-Miniature SMT Toggles
G13AH ETC2-G13AH Datasheet
121Kb / 4P
Process Sealed Ultra-Miniature Toggles
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
Process Sealed Ultra-Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com