Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB5921 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMB5921
Description  3.0 Watts Surface Mount Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB5921 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMB5921 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB5921 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB5921 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMB5921 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMB5921 THRU SMB5956
VOLTAGE 6.8V ~ 200V
3.0 Watts Surface Mount Zener Diode
FEATURES
For surface mounted applications
* 3.0 W power dissipation
Ideally suited for automated assembly processes
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals:Solderable per MIL-STD-750 method 2026
Polarity: Cathode band
Mounting position: Any
Weight: 0.093 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 ambient temperature unless otherwise specified.
Power Dissipation (Note 1)
PD
3.0
W
Half sine-wave superimposed on rated load
Operating junction and Storage Temperature
IFSM
10
A
TJ, TSTG
-55 to +155
O
C
JEDEC method (Note 2)
Electrical Characteristics
Symbol
Value
Unit
Note: (1) Mounted on 5.0mm2(.013mm thick) land areas.
(2) Measured on 8.3ms, single half-sine wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
*
*
O
C
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 4
Dimensions in inches and (millimeters)
SMB
.160(4.06)
.185(4.70)
.006(.152)
.012(.305)
.130(3.30)
.155(3.94)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.200(5.08)
.220(5.59)
.030(0.76)
.060(1.52)
.002(.051)
.008(.203)
*
*
*
*
*
*
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SMB5921

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMB5921 SUNMATE-SMB5921 Datasheet
530Kb / 3P
SURFACE MOUNT SILICON ZENER DIODES
logo
PACELEADER INDUSTRIAL
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
SURFACE MOUNT ZENER TYPE
logo
SeCoS Halbleitertechnol...
SMB5921B SECOS-SMB5921B Datasheet
238Kb / 3P
VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Dc Components
SMB5921B DCCOM-SMB5921B Datasheet
49Kb / 2P
RECTIFIER SPECIALISTS
More results

Similar Description - SMB5921

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
3.0 Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
1.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
3.0 Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
1.0 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB_15 Datasheet
238Kb / 3P
1.5 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
1.5 Watts Surface Mount Zener Diode
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
3.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
3 Watts Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com