Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB5921 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMB5921
Description  3.0 Watts Surface Mount Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB5921 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMB5921 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB5921 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB5921 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMB5921 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 4
Elektronische Bauelemente
SMB5921 THRU SMB5956
VOLTAGE 6.8V ~ 200V
3.0 Watts Surface Mount Zener Diode
Surge
Part No.
Vz
IzT
ZZT
ZZK
IZK
Current
( V )
( mA ) (Ohm) (Ohm) ( mA )
VR(V)
( mA )
SMB5921B
6.8
55.1
2.5
200
1.0
5.0
5.2
220
SMB5922B
7.5
50
3
400
0.5
5.0
6.0
200
SMB5923B
8.2
45.7
3.5
400
0.5
5.0
6.5
182
SMB5924B
9.1
41.2
4
500
0.5
5.0
7.0
164
SMB5925B
10
37.5
4.5
500
0.25
5.0
8.0
150
SMB5926B
11
34.1
5.5
550
0.25
1.0
8.4
136
SMB5927B
12
31.2
6.5
550
0.25
1.0
9.1
125
SMB5928B
13
28.8
7
550
0.25
1.0
9.9
115
SMB5929B
15
25.0
9
600
0.25
1.0
11.4
100
SMB5930B
16
23.4
10
600
0.25
1.0
12.2
93
SMB5931B
18
20.8
12
650
0.25
1.0
13.7
83
SMB5932B
20
18.7
14
650
0.25
1.0
15.2
75
SMB5933B
22
17.0
17.5
650
0.25
1.0
16.7
68
SMB5934B
24
15.6
19
700
0.25
1.0
18.2
62
SMB5935B
27
13.9
23
700
0.25
1.0
20.6
55
SMB5936B
30
12.5
26
750
0.25
1.0
22.8
50
SMB5937B
33
11.4
33
800
0.25
1.0
25.1
45
SMB5938B
36
10.4
38
850
0.25
1.0
27.4
41
SMB5939B
39
9.6
45
900
0.25
1.0
29.7
38
SMB5940B
43
8.7
53
950
0.25
1.0
32.7
34
SMB5941B
47
8.0
67
1000
0.25
1.0
35.8
31
SMB5942B
51
7.3
70
1100
0.25
1.0
38.8
29
SMB5943B
56
6.7
86
1300
0.25
1.0
42.6
26
SMB5944B
62
6.0
100
1500
0.25
1.0
47.1
24
SMB5945B
68
5.5
120
1700
0.25
1.0
51.7
22
SMB5946B
75
5.0
140
2000
0.25
1.0
56.0
20
SMB5947B
82
4.6
160
2500
0.25
1.0
62.2
18
SMB5948B
91
4.1
200
3000
0.25
1.0
69.2
16
SMB5949B
100
3.7
250
3100
0.25
1.0
76.0
15
SMB5950B
110
3.4
300
4000
0.25
1.0
83.6
13
SMB5951B
120
3.1
380
4500
0.25
1.0
91.2
12
SMB5952B
130
2.9
450
5000
0.25
1.0
98.8
11
SMB5953B
150
2.5
600
6000
0.25
1.0
114
10
SMB5954B
160
2.3
700
6500
0.25
1.0
121.6
9
SMB5955B
180
2.1
900
7000
0.25
1.0
136.8
8
SMB5956B
200
1.9
1200
8000
0.25
1.0
152
7
SMB5921 THRU SMB5956
Electrical Characteristic (Ta=25oC)
IR(uA) Max.
Suffix " B" for 5% tolerance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com