Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF113DI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LF113DI
Description  High Isolation, 1W Dual Output SMT DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF113DI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LF113DI Datasheet HTML 1Page - MicroPower Direct, LLC LF113DI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 1W Output Power
• Ultra-Miniature SMT Case
• 3,000 VDC Isolation
• 5V, 12V & 24V Inputs
• -40ºC to +85ºC Operation
• 9 Standard Models
• 2.0 MH MTBF Minimum
• Industry Standard Pin-Out
LF100DI
High Isolation, 1W
Dual Output SMT
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Reverse Polarity Input Current
0.3
A
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.5
±4.0
%
Output Voltage Balance
Balanced Loads
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
±1.2
±1.5
%
Load Regulation (Note 1)
See Model Selection Guide
Ripple & Noise (20 MHz) (Note 2)
75
100
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
150
mV P - P
Ripple & Noise (20 MHz)
5
mv rms
Output Power Protection
120
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,000
VDC
Isolation Resistance
500 VDC
10
GΩ
Isolation Capacitance
100 kHz, 1V
60
100
pF
Switching Frequency
50
100
150
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Operating Temperature Range
Case
-40
+90
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.60 x 0.31 x 0.26 Inches (15.24 x 8.0 x 6.7 mm)
Case Material
Molded Black Plastic (UL94-V0)
Weight
0.07 Oz (2.2g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
24 VDC Input
-0.7
30.0
Lead Temperature
1.5 mm From Case For 10 Sec.
300
ºC
Internal Power Dissipation
All Models
550
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
RoHS Compliant


Similar Part No. - LF113DI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF113D ETC-LF113D Datasheet
73Kb / 2P
1W Dual Output Surface Mountable DC/DC Converters
logo
MicroPower Direct, LLC
LF113D MPD-LF113D Datasheet
542Kb / 4P
Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
More results

Similar Description - LF113DI

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU300 MINMAX-MSAU300 Datasheet
202Kb / 5P
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
MSLU300 MINMAX-MSLU300 Datasheet
178Kb / 6P
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF100EDI MPD-LF100EDI Datasheet
244Kb / 2P
Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
LF100ESI MPD-LF100ESI Datasheet
288Kb / 2P
Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
LF100SI MPD-LF100SI Datasheet
218Kb / 2P
High Isolation, 1W Single Output SMT DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPI TOPPOWER-TPI Datasheet
198Kb / 3P
1W 3KVDC Isolation & Regulated Dual Output DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com