Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JB15BPC-B Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JB15BPC-B
Description  Low Profile Process Sealed Tactiles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JB15BPC-B Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  JB15BPC-B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Process Sealed Tactiles
Series JB
General Specifications
Electrical Capacity (Resistive Load)
Low Level:
50mA @ 24V DC maximum for Standard Operating Force models
125mA @ 24V DC maximum for High Operating Force models
Other Ratings
Standard Operating Force
High Operating Force
Contact Resistance:
50 milliohms maximum
50 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 250V DC
500 megohms minimum @ 250V DC
Dielectric Strength:
250V AC minimum for 1 minute minimum
250V AC minimum for 1 minute minimum
Mechanical Life:
5,000,000 operations minimum
1,000,000 operations minimum
Electrical Life:
5,000,000 operations minimum
1,000,000 operations minimum
Nominal Operating Force:
1.76N for JB15L
2.65N for JB15HL & JB15HB
Total Travel:
.010” (.254mm)
.012” (.300mm)
Materials & Finishes
Actuator:
Polyacetal for Short; Glass fiber reinforced PBT for Extended
Case:
Glass fiber reinforced polyamide (UL94V-0)
Seal:
Nitrile butadiene rubber
Base:
Glass fiber reinforced PBT (UL94V-0)
Movable Contacts:
Beryllium copper with silver plating
Stationary Contacts:
Brass with silver plating
Terminals:
Brass with silver plating
Environmental Data
Operating Temperature Range:
–25°C through +70°C (–13°F through +158°F)
Humidity:
90 ~ 95% humidity for 240 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering:
Wave Soldering recommended. See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning:
Automated cleaning. See Cleaning specifications in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 rated case & base
UL Recognition
The JB Series tactiles have not been tested for UL recognition or CSA certification.
or CSA Certification:
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com