Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JB15BPC-B Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JB15BPC-B
Description  Low Profile Process Sealed Tactiles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JB15BPC-B Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  JB15BPC-B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Process Sealed Tactiles
Series JB
Common Bus Matrix
These single pole, single throw switches can be used in a key-
board matrix and, using strapped terminals, achieve a com-
mon bus electrical configuration on a single-sided PC board.
X-Y Matrix
These single pole, single throw switches can be
arranged on a single-sided PC board matrix
with strapped terminals to achieve an X-Y type
electrical interconnection.
Distinctive Characteristics
Choice of dimensions from PCB to top of cap adds to design flexibility.
Bright, full-face illumination with red, green, or yellow LEDs
for attractive, functional panel layouts.
Higher operating force type provides more pronounced
operating feel.
Dome contact gives crisp tactile feedback to positively
indicate circuit transfer and assures high reliability
and long life of up to 5,000,000 operations.
Rubber seal construction prevents contact contamination
and allows automated soldering and cleaning.
Slanted terminals provide a spring type action which ensures
secure mounting and prevents dislodging during wave soldering.
Molded-in terminals are part of the sealed construction which allows
automated soldering and cleaning.
Terminal spacing conforms to standard .100” (2.54mm) PCB grid.
Actual Size
1
2
3
6
5
4
7
8
9
B
0
A
9
13
10
6
11
8
12
7
2
1
3
4
5
1
2
3
6
5
4
7
8
9
B
0
A
1
2
6
7
3
4
5
Blue = PCB Trace Black = Switch Circuit
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7
= ON
PC Terminations
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7 8 9 10 11 12 13
= ON
P C Te r m i n a t i o n s


Similar Part No. - JB15BPC-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JB15BPC-B NKK-JB15BPC-B Datasheet
178Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
JB15BPC-BB NKK-JB15BPC-BB Datasheet
178Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
JB15BPC-BC NKK-JB15BPC-BC Datasheet
178Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
JB15BPC-BE NKK-JB15BPC-BE Datasheet
178Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
JB15BPC-BF NKK-JB15BPC-BF Datasheet
178Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
More results

Similar Description - JB15BPC-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
6mm Process Sealed SMT Tactiles
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
6mm Process Sealed Tactiles
SPJB15 NKK-SPJB15 Datasheet
250Kb / 7P
Low Profile Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC Datasheet
205Kb / 6P
Ultra-Thin Process Sealed Tactiles
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
Ultra-Thin Process Sealed Tactiles
JB15LPC-B NKK-JB15LPC-B_10 Datasheet
178Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC_10 Datasheet
243Kb / 6P
Illuminated Ultra-Thin Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15LPC-JC ETC2-JB15LPC-JC Datasheet
481Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
JB15FP NKK-JB15FP Datasheet
560Kb / 8P
Low Profile Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15HLPE ETC2-JB15HLPE Datasheet
418Kb / 7P
Illuminated Low Profile Process Sealed Tactiles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com