Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF101S Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # LF101S
Description  Ultra-Miniature, 1W Single Output SMT DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF101S Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  LF101S Datasheet HTML 1Page - MicroPower Direct, LLC LF101S Datasheet HTML 2Page - MicroPower Direct, LLC LF101S Datasheet HTML 3Page - MicroPower Direct, LLC LF101S Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mechanical Dimensions - 5V/12V Input
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation
on the unit
Mechanical Dimensions - 24V Input
292 Page Street, STE D, Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com