Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF101S Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LF101S
Description  Ultra-Miniature, 1W Single Output SMT DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF101S Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LF101S Datasheet HTML 1Page - MicroPower Direct, LLC LF101S Datasheet HTML 2Page - MicroPower Direct, LLC LF101S Datasheet HTML 3Page - MicroPower Direct, LLC LF101S Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features:
• 1W Output Power
• Ultra-Miniature SMT Case
• 1,000 VDC Isolation
• 5V, 12V & 24V Inputs
• -40ºC to +85ºC Operation
• 15 Standard Models
• 2.0 MH MTBF Minimum
• Industry Standard Pin-Out
LF100S
Ultra-Miniature, 1W
Single Output SMT
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Reverse Polarity Input Current
0.3
A
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Line Regulation
For Vin Change of 1%
±1.2
±1.5
%
Load Regulation (Note 1)
See Model Selection Guide
Ripple & Noise (20 MHz) (Note 2)
60
120
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
150
mV P - P
Ripple & Noise (20 MHz)
5
mv rms
Output Power Protection
120
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
1,000
M
Ω
Isolation Capacitance
100 kHz, 1V
40
100
pF
Switching Frequency
50
100
140
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Operating Temperature Range
Case
-40
+90
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.50 x 0.31 x 0.26 Inches (12.7 x 8.0 x 6.7 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.05 Oz (1.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
24 VDC Input
-0.7
30.0
Lead Temperature
1.5 mm From Case For 10 Sec.
260
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
RoHS Compliant
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - LF101S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF101SI MPD-LF101SI Datasheet
218Kb / 2P
High Isolation, 1W Single Output SMT DC/DC Converters
More results

Similar Description - LF101S

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
1W, Miniature SMD, Single Output DC/DC Converters
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
LF100D MPD-LF100D Datasheet
542Kb / 4P
Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
Ultra-Miniature, 2W Single Output SMT DC/DC Converters
logo
Murata Manufacturing Co...
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
Isolated Sub-Miniature 1W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
2W, Single Output Ultra-Miniature SMT DC/DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
1W 3KVDC Isolated Miniature Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com