Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1640 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP1640
Description  16.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP1640 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP1640 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP1640 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SP1620 THRU SP16100
VOLTAGE 20V ~ 100V
16.0AMP Schottky Barrier Rectifiers
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
16
0.1
6
3.5
0.52
0.45
700
-50
150
0.65
0.83
460
280
40
40
40
SP1640
60
60
60
SP1660
80
80
80
SP1680
100
100
100
SP16100
20
20
SP1620
20
30
30
SP1630
30
-65
+150
+175
~
~
MAXIMUM RATINGSAND ELECTRICAL CHARACTERISTICS
Rating 25C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
Forcapacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
V
V
A
A
V
mA
mA
pF
UNITS
V
Typical Thermal Resistance R JC (Note 2)
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0VD.C.
2. Thermal Resistance Junction to Case.
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
θ
0.2
2.8
0.3
4.5
0.2
0.5
0.2
2.6
0.2
2.54
0.7
0.2
2.54
0.2
1.3
0.2
10
0.5
3.2
0.2
0.1
PIN 1
PIN 3
PIN 2
CASE
ITO-220
Dimensions in millimeters
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SP1640

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP1640C WILLAS-SP1640C Datasheet
359Kb / 2P
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
SP1640C PACELEADER-SP1640C Datasheet
476Kb / 2P
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results

Similar Description - SP1640

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1620D SECOS-SM1620D Datasheet
346Kb / 2P
16.0AMP Surface Mount Schottky Barrier Rectifiers
SP16150 SECOS-SP16150 Datasheet
236Kb / 2P
16.0AMP Schottky Barrier Rectifiers
SP16200 SECOS-SP16200 Datasheet
241Kb / 2P
16.0AMP Schottky Barrier Rectifiers
SR1620 SECOS-SR1620 Datasheet
248Kb / 2P
VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
SR16150 SECOS-SR16150 Datasheet
193Kb / 2P
16.0AMP Schottky Barrier Rectifiers
SR16200 SECOS-SR16200 Datasheet
214Kb / 2P
16.0AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR1620 LUGUANG-SR1620 Datasheet
253Kb / 2P
16.0AMP. Schottky Barrier Rectifiers
SRA1620 LUGUANG-SRA1620 Datasheet
213Kb / 2P
16.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SPK1645 SECOS-SPK1645_15 Datasheet
296Kb / 2P
16.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR1620C-TO220AB YFWDIODE-SR1620C-TO220AB Datasheet
269Kb / 2P
16.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com