Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA592WS Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BA592WS
Description  SILICON RF SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BA592WS Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BA592WS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BA592WS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BA592WS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 01/09/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BA592WS
10
10
10
10
10
IF (mA)
VF(V)
0
Reverse current
RP=f(VR)
f=Parameter
Forward resistance
rf=f(IF)
f=100MHz
0
10
-2
-1
10
-1
10
1
10
2
01
10
-4
2
10
-6
10
-5
10
-3
10
-2
VR (V)
10
-1
0
10
Diode capacitance
CT=f(VR)
f=Parameter
10
0
0
0.4
5
0.8
1.2
1.6
2
15
20
25
1MHz 1GHz
30
0
10
-1
0
10
10
1
2
10
10
3
0.2
0.4
0.6
25 
C
0.8
1.0
85 
C
125 
C
1.2
-40 
C
Forward current
IF=f(VF)
TA=Parameter
VR (V)
20
10
5
15
25
30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com