Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA592WS Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BA592WS
Description  SILICON RF SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BA592WS Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BA592WS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BA592WS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BA592WS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 01/09/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BA592WS
SILICON RF SWITCHING DIODE
Features
• Very low forward resistance
• Small capacitance
Applications
• For band switching in TV/VTR
tuners and mobile applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Diode Reverse Voltage
VR
35
V
Forward Current
IF
100
mA
Junction Temperature
TJ
150
O
C
Operating Temperature Range
Top
- 55 to + 125
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Electrical Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reverse Current
at VR = 20 V
IR
-
-
20
nA
Forward Voltage
at IF = 100 mA
VF
-
-
1
V
Diode Capacitance
at VR = 1 V, f = 1 MHz
at VR = 3 V, f = 1 MHz
CT
0.65
0.6
-
-
1.4
1.1
pF
Reverse Parallel Resistance
at VR = 0 V, f = 100 MHz
RP
-
100
-
KΩ
Forward Resistance
at IF = 3 mA, f = 100 MHz
at IF = 10 mA, f = 100 MHz
rf
-
-
-
-
0.7
0.5
Ω
Series Inductance
Ls
-
1.8
-
nH
Anode
2
Top View
Marking Code: "W4"
Simplified outline SOD-323 and symbol
1
W4
2
PINNING
1
PIN
Cathode
DESCRIPTION


Similar Part No. - BA592WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA592 PHILIPS-BA592 Datasheet
64Kb / 8P
Band-switching diode
1998 May 07
logo
Siemens Semiconductor G...
BA592 SIEMENS-BA592 Datasheet
28Kb / 2P
Silicon RF Switching Diode
logo
Infineon Technologies A...
BA592 INFINEON-BA592 Datasheet
416Kb / 4P
Silicon RF Switching Diode
Feb-04-2003
logo
Guangdong Kexin Industr...
BA592 KEXIN-BA592 Datasheet
33Kb / 1P
Band-switching diode
logo
Infineon Technologies A...
BA592 INFINEON-BA592 Datasheet
108Kb / 11P
Silicon RF Switching Diode
2007-04-19
More results

Similar Description - BA592WS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
Silicon RF Switching Diode
Aug-17-2001
BAR81W INFINEON-BAR81W Datasheet
407Kb / 4P
Silicon RF Switching Diode
Dec-20-2002
logo
Guangdong Kexin Industr...
BAT18 KEXIN-BAT18 Datasheet
35Kb / 1P
Silicon RF Switching Diode
BAR81W KEXIN-BAR81W Datasheet
36Kb / 1P
Silicon RF Switching Diode
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
Silicon RF Switching Diode
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18_07 Datasheet
60Kb / 5P
Silicon RF Switching Diode
2007-03-29
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
Silicon RF Switching Diode
2007-04-19
BAT18-04 INFINEON-BAT18-04_11 Datasheet
815Kb / 5P
Silicon RF Switching Diode
2011-06-14
BAR81WH6327 INFINEON-BAR81WH6327 Datasheet
824Kb / 6P
Silicon RF Switching Diode
2011-06-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com