Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLM393 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SPLM393
Description  Dual Differential Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPLM393 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SPLM393 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPLM393 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPLM393 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPLM393 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SPLM393
Dual Differential Comparator
01-June-2003 Rev. A
Page 2 of 4
MAXIMUM RATINGS
Parameter
Value
Units
Supply Voltage
(Vcc)
±18 or 36
V
Differential Input Voltage (VI(DIFF))
±36
V
Input Voltage (VI)
-0.3 ~+36
V
Power Dissipation (PD)
570
mW
Operating & Junction Temperature (TOPR, TSTG)
0~+70, -65~+150
°C
RECOMMENDED OPERATING CONDITIONS
(Vcc=5V,Ta=25 ,RT=10k, all voltage referenced to GND unless otherwise specified)
Characteristics
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Offset Voltage
VIO
-
±1.0
±5.0
mV
VCM=0V to VCC-1.5V, VO(P)=1.4V, RS=0 Ω
Input Offset Current
IIO
-
±5
±50
nA
Input Bias Current
IBIAS
-
65
250
nA
Input Common Mode Voltage Range
VI(R)
0
-
VCC-1.5
V
-
0.6
1.0
mA
RL=∞
Supply Current
ICC
-
0.8
2.5
mA
RL=∞, VCC=30V
Large Signal Voltage Gain
GV
50
200
-
V/mV
VCC=15V, RL>=15KΩ
Large Signal Response Time
tres
-
350
-
ns
VI=TTL logic wing,
VREF=1.4V,VRL=5V,RL=5.1 KΩ
Response Time
tres
-
1400
-
ns
VRL=5V,RL=5.1KΩ
Output Sink Current
ISINK
6
18
-
mA
VI(-) > 1V, VI(+) = 0V, VO(P) < 1.5V
Output Saturation Voltage
Vsat
-
160
400
mV
VI(-) > 1V, VI(+) = 0V, ISINK = 4mA
-
-
-
-
0.1
-
nA
Output Leakage Current
Ileakage
-
-
1.0
uA
VI(+) = 1V,VI(-) = 0
VO(P) = 5V
VO(P) = 30V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com