Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLM393 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SPLM393
Description  Dual Differential Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPLM393 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SPLM393 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPLM393 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPLM393 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPLM393 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SPLM393
Dual Differential Comparator
01-June-2003 Rev. A
Page 1 of 4
RoHS Compliant Product
A suffix of “-C” specifies halogen or lead -free
DESCRIPTION
The SPLM393 consists of two independent voltage comparators, designed specifically to operate from a single
power over a wide voltage range.
FEATURES
Input Common-Mode Voltage Range Include Ground
Single or dual supply operation
Wide operating supply range (Vcc = 2V ~36V or ±1 to ±18V)
Input common-mode voltage includes ground
Low supply current drain ICC =0.8mA (Typical)
Low input bias current IBIAS=25nA (Typical)
Output compatible with TTL, DTL, and CMOS logic system
PACKAGE DIMENSIONS
PIN CONFIGURATIONS
BLOCK DIAGRAMS
SEATING PLANE
e
b
Z
Z
D
SECTION Z - Z
b
GAUGE PLANE
DIP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
0.5334
c1
0.203
0.279
A1
0.381
-
D
9.017
10.16
A2
2.921
4.953
E
6.096
7.112
b
0.356
0.559
E1
7.620
8.255
b1
0.356
0.508
e
2.540 BSC
b2
1.143
1.778
HE
-
10.92
b3
0.762
1.143
L
2.921
3.810
c
0.203
0.356
LM393
Date Code
1
5
7
8
2
3
4
6


Similar Part No. - SPLM393

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLMANIFOLD01 OSRAM-SPLMANIFOLD01 Datasheet
48Kb / 3P
Wasserverteiler fur Laserstacks mit 1/3 Laserbarren
SPLMANIFOLD20 OSRAM-SPLMANIFOLD20 Datasheet
47Kb / 3P
Wasserverteiler fur Laserstacks mit 10/20 Laserbarren
SPLMN81G2 OSRAM-SPLMN81G2 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 50 W cw at 808 nm
SPLMN81S9 OSRAM-SPLMN81S9 Datasheet
206Kb / 7P
Passively Cooled Diode Laser Bar, 150 W qcw at 808 nm
SPLMN81X2 OSRAM-SPLMN81X2 Datasheet
205Kb / 7P
Passively Cooled Diode Laser Bar, 40 W cw at 808 nm
More results

Similar Description - SPLM393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
Dual Differential Comparator
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com