Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ2131 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SQ2131
Description  CMOS Positive Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SQ2131 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SQ2131 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SQ2131 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SQ2131 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SQ2131 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SQ2131 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.SeCoSGmbH.com/
SQ2131
CMOS Positive
Voltage Regulator
Elektronische Bauelemente
Any changing of specification will not be informed individual
1
Pin Number
Pin Name
Pin Function
2
3
4
5
SQ2131-12
VIN
Gnd
EN
PG
VOUT
1.2V
Supply Input
Ground
Enable/Shutdown (Input): CMOS Compatible Input
Logic High= Enable; Logic Low= Shutdown. Do Not Leave Open
Regulator Output
Power Good Output
1C122
XXXX
Ordering Information(contd.)
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
Pin Description
01-Jun-2002 Rev. A
Page
2 of 5
Detailed Description
The SQ2131 of COMS regulators contain a PMOS pass transistor,voltage reference, error amplifier,over-current protection and
thermal shutdown and Power Good function.The P-channel pass transistor receives data from the error amplifier,over-current shutdown,
and thermal protection circuits. During normal operation, the error amplifier compares the output voltage to a precision reference.
Over-current and Thermal shutdown
circuits become active when the junction temperature exceeds150 C,or the current exceeds 300mA.
During thermal shutdown,the output voltage remains low. Normal operation is restored when the junction temperature drops below 120 C.
The SQ2131 switches from voltage mode to current mode when the load exceeds the rated output current.This prevents over-stress.
The SQ2131 also incorporates
o
o
current fold-back to reduce power dissipation when the output is short circuited.This feature becomes active
when the output drops below 0.8 volts, and reduces the current flow by 65%. Full current is restored when the voltage exceeds 0.8 volts.
External Capacitors
The SQ2131 is stable with an output capacitance to ground of 2.2uF or greater. Ceramic capacitors have the lowest ESR, and will offer
the best AC performance. Conversely, Aluminum Elertrolytic capacitors exhibit the highest ESR, resulting in the poorest AC response.
Unfortunately, large value ceramic capacitors are comparatively expensive. One option is to parallel a 0.1 uF ceramic capacitor with a
10 uF Aluminum Electrolytic. The benefit is low ESR, high capacitance, and low overall cost. A second capacitor is recommended
between the input and ground to stabilize Vin. The input capacitor should be at least 0.1uF to have a beneficial effect. All capacitors
should be placed in close proximity to the pins. A "Quiet" ground termination is desirable . The can be achieved with a "Star" connection.
Enable
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shuts off, and all internal circuits are powered
down. In this state, the quiescent current is less than 1uA. This pin behaves much like an electronic switch.
Fig 1. Typical Application Schematic
Fig 2. Typical Application For Processor
VID Code Power Sequencing Schematic
SQ2131
SQ2131



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com