Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ2131 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SQ2131
Description  CMOS Positive Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SQ2131 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SQ2131 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SQ2131 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SQ2131 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SQ2131 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SQ2131 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
01-Jun-2002 Rev. A
Page
3 of 5
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SQ2131
CMOS Positive
Voltage Regulator
%VO(NOM)
PSRR
eN
1.5
V
_
_
_
_
_
_
_
Output Voltage Noise
50
20
15
30
_
_
_
_
dB
uVrms
f=100Hz
f=1kHz
f=10kHz
Co=2.2uF
Io=100mA
Co=2.2uF
f=10Hz~100kHz
Io=10mA
Power Supply Rejection
VEH
IEH
ISD
0.1
_
_
_
_
_
_
Output Under Voltage
EN Input Threshold
VUV
95
1.6
0
0.1
0.5
0
1
0.4
_
_
uA
V
V
VEN=VIN
VIN=5V,Vo=0V,VEN=0V
Output Loading 1200Ω,VEN=0V
Shutdown Supply Current
VEL
_
VIN
0.4
EN Input Bias Current
IEL
_
VEN=0V
Shutdown Output Voltage
Vo,SD
uA
PG Voltage Low
VPG Delay
VOL
TPGD
*Note1: V
=V +V
0.1
5
ISINK=0.1mA
ms
See Timing Diagram on Page 5
PG ON @ % of VOUT
TC
Input Voltage
Over Temperature Shutdown
Over Temperature Hystersis
Output Voltage
Temperature Coefficient
VIN
OTS
OTH
REGLINE
Line Regulation
30
_
150
_
%
_
_
0.3
6
Io=0.1mA,VIN=2.7V
- 0.3
to 6V
C
o
0.1
PG Leakage Current
ILC
2.7
V
_
_
_
C
o
30
_
ppm/ C
o
_
_
uA
VPG=6V,PG is off
65
_
VIN=6V,Io=1mA
Ground Pin Current
IGND
A
u
to 150mA
I
Quiescent Current
Q
_
80
_
60
A
u
VIN=6V,Io=0mA,Vo=Vo(NOM)
4
%
Parameter
Symbol
Max.
Typ.
Condition
Min.
Unit
Output Voltage
Current Limit
Dropout Voltage
VO
ILIM
VDROPOUT
-3.0%
150
-4
Io=0.1mA
_
3.0%
350
mA
Load Regulation
REGLOAD
1
Io=0.1mA
Vo<0.1V
Electrical Characteristics Ta=25
VIN=2.7v, VEN=VIN,IO=100uA unless otherwise noted
C
_
V
o
IN(MIN)
OUT
DROPOUT
to 150mA
1300
_
_
mV
Io=150mA,VOUT=Vo-2%
oC)
Power Dissipation (
Input Voltage
Output Current
Iutput,Output Voltage
Operating Ambient Temperature
Junction Temperature
Parameter
Symbol
Ratings
Unit
V
mA
V
C
mW
VIN
IOUT
Tj Max.
7
PD/(VIN-VO)
-40~+125
GND-0.3 to VIN+0.3
-40~+85
380
o
Max. Junction Temperature
T=100
EDS Classification
Topr
Tj
PD
150
B
C
o
C
o
Absolute Maximum Ratings
Thermal Resistance
θja
260
C
o /W
Power Good
The SQ2131 includes the Power Good feature.When the output is not within 15% of the specified voltage, it pulls low. This can occur
under the following conditions: 1. Input Votage Too Low. 2. During Over-Temperature. 3. During Over-Current. 1. If Output Is Pulled Up.
(Note: PG pin is an open-drain output.)
±
≤



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com