Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML74WLAF Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML74WLAF
Description  NAND Gate (unbuffered) and Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML74WLAF Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML74WLAF Datasheet HTML 1Page - Minilogic Device Corporation Limited ML74WLAF Datasheet HTML 2Page - Minilogic Device Corporation Limited ML74WLAF Datasheet HTML 3Page - Minilogic Device Corporation Limited ML74WLAF Datasheet HTML 4Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. B, Sep 2005
■
Noise Characteristics
(tr=tf=3ns)
Ta=25°°°°C
PARAMETER
SYMBOL
CL
Vcc(V)
CONDITIONS
MIN
TYP
MAX
UNITS
Not functioning output maximum
dynamic VOL
VOLP
50pF
5.0
--
0.3
0.8
V
Not functioning output minimum
dynamic VOL
VOLV
50pF
5.0
-0.8
-0.3
--
V
Minimum dynamic VIH
VIHD
50pF
5.0
--
--
3.5
V
Maximum dynamic VIL
VILD
50pF
5.0
--
--
1.5
V
■
Typical Application Circuit
Note: Open output when measuring supply current
■
Waveforms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com