Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML74WLAF Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML74WLAF
Description  NAND Gate (unbuffered) and Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML74WLAF Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML74WLAF Datasheet HTML 1Page - Minilogic Device Corporation Limited ML74WLAF Datasheet HTML 2Page - Minilogic Device Corporation Limited ML74WLAF Datasheet HTML 3Page - Minilogic Device Corporation Limited ML74WLAF Datasheet HTML 4Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. B, Sep 2005
■
Recommended Operating Conditions
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
Vcc
2 ~ 5.5
V
Input Voltage
VIN
0 ~ 5.5
V
Output Voltage
VOUT
0 ~ Vcc
V
Operating Temperature
Topr
-40 ~ +85
°C
0 ~ 200 (Vcc=3.3V)
Input Rise / Fall Time
tr, tf
0 ~ 100 (Vcc=5V)
ns
■
DC Electrical Characteristics
Ta=25°°°°C
Ta=-40~85°°°°C
PARAMETER
SYMBOL
Vcc(V)
CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNITS
2.0
1.5
-
-
1.5
-
3.0
2.1
-
-
2.1
-
VIH
5.5
3.85
-
-
3.85
-
V
2.0
-
-
0.5
-
0.5
3.0
-
-
0.9
-
0.9
Input Voltage
VIL
5.5
-
-
1.65
-
1.65
V
2.0
1.9
2.0
-
1.9
-
3.0
2.9
3.0
-
2.9
-
4.5
IOH=-50µA
4.4
4.5
-
4.4
-
3.0
IOH=-4mA
2.58
-
-
2.48
-
VOH
4.5
VIN=VIH or VIL
IOH=-8mA
3.94
-
-
3.80
-
V
2.0
-
-
0.1
-
0.1
3.0
-
-
0.1
-
0.1
4.5
IOL=50µA
-
-
0.1
-
0.1
3.0
IOL =4mA
-
-
0.36
-
0.44
Output Voltage
VOL
4.5
VIN=VIH
IOL =8mA
-
-
0.36
-
0.44
V
Input Current
IIN
0~5.5
VIN=Vcc or GND
-0.1
-
0.1
-1.0
1.0
µA
Quiescent Supply Current
Icc
5.5
VIN=Vcc or GND, IOUT=0µA
-
-
1.0
-
10.0
µA
■
Switching Electrical Characteristics
Tr=tf=3ns
Ta=25°°°°C
Ta=-40~85°°°°C
PARAMETER
SYMBOL
CL
Vcc(V)
CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNITS
3.3
-
3.7
7.9
1
9.5
15pF
5.0
-
2.7
5.5
1
6.5
ns
3.3
-
5.4
11.4
1
13
tPLH
50pF
5.0
-
3.6
7.5
1
8.5
ns
3.3
-
3.3
7.9
1
9.5
15pF
5.0
-
2.5
5.5
1
6.5
ns
3.3
-
4.6
11.4
1
13
Propagation Delay Time
tPHL
50pF
5.0
-
3.5
7.5
1
8.5
ns
Input Capacitance
CIN
-
5.0
VIN=Vcc or GND
-
2
10
1
10
pF
Power Dissipation Capacitance
Cpd
No Load, f=1MHz
-
9.3
-
-
-
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com