Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3020 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SS3020
Description  30AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SS3020 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SS3020 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SS3020 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SS3020 THRU SS30100
VOLTAGE 20V ~ 100V
30AMP Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
700
250
460
280
30
1 5
1 50
30
30
30
SS3030
40
40
40
SS3040
60
60
60
SS3060
80
80
80
SS3080
100
100
100
SS30100
0.45
0.52
0.65
0.83
SS3020
20
20
20
-50
+150
-65
+175
MAXIMUM RATINGSAND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPENUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DCBlocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDECmethod)
Maximum Instantaneous Forward Voltage at
10.0A
Maximum DCReverse Current
Ta=25 C
at Rated DCBlocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
3.0
V
V
A
A
V
mA
mA
pF
UNITS
V
Typical Thermal Resistance R
θJC(Note 1)
Operating Temperature Range TJ
Storage Temperature Range TSTG
C/W
C
C
0.90
.412
.248
.040
.180
.050
.120
.158
.595
.550
.200
.051
.040
.108
(10.5)
(6.3)
(1.0)
(4.6)
(1.27)
(3.05)
(4.0)
(15.1)
(14.0)
(5.08)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8 +.2
HOLE T HR U
f
+
+
+
P IN 1
P IN 1
P IN 2
P IN 2
C AS E
C AS E
C ase P ositive
C ase Negative
S uffix "R "
T O-220A
01-Jun-2002 Rev. A
Page 1 of 2
~
~
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SS3020

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SS3020 SHUNYE-SS3020 Datasheet
473Kb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
Pan Jit International I...
SS3020-HE PANJIT-SS3020-HE Datasheet
80Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SS30200 SHUNYE-SS30200 Datasheet
473Kb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
Pan Jit International I...
SS30200-HE PANJIT-SS30200-HE Datasheet
80Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SS30200FL DAESAN-SS30200FL Datasheet
283Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS3020

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30FQ030 IRF-30FQ030 Datasheet
275Kb / 6P
30Amp Schottky Power Rectifiers
logo
Shanghai Lunsure Electr...
MBR30100CT CHENYI-MBR30100CT Datasheet
238Kb / 2P
30Amp schottky barrier rectifier 100volts
SBL3030CT CHENYI-SBL3030CT Datasheet
87Kb / 2P
30Amp schottky barrier rectifier 30to45 volts
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
MBR30100E3 CYSTEKEC-MBR30100E3 Datasheet
159Kb / 4P
30Amp. Schottky Barrier Rectifiers
MBR30150E3 CYSTEKEC-MBR30150E3 Datasheet
158Kb / 4P
30Amp. Schottky Barrier Rectifiers
SKM3050CTE3 CYSTEKEC-SKM3050CTE3 Datasheet
510Kb / 5P
30Amp. MOS BARRIER RECTIFIER
SKM3045CTFP CYSTEKEC-SKM3045CTFP Datasheet
547Kb / 5P
30Amp. MOS BARRIER RECTIFIER
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MBR3040F SECOS-MBR3040F Datasheet
212Kb / 2P
30Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com