Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6101 Datasheet(PDF) 6 Page - Minilogic Device Corporation Limited

Part # ML6101
Description  Voltage Monitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6101 Datasheet(HTML) 6 Page - Minilogic Device Corporation Limited

Back Button ML6101 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 10Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
P6/11
Rev. A, June 2005
ML6101
Functional Description (Refers to CMOS Output)
1. Firstly, when the Input Voltage (VIN) falls
below the Minimum Operating Voltage
(VMIN) level, output becomes unstable. In
the case of N-channel open drain
configuration, as the output pin is
generally pulled-up, the output will be
equal to the pull-up voltage.
2. When the Input Voltage (VIN) rises, output
become stable once the voltage has
exceeded VMIN. The Output Voltage (VOUT)
will remain equal to the Ground Voltage
(VSS) level until the Input Voltage (VIN)
reaches the Monitor Voltage (VMON) level.
3. When a voltage higher than the Monitor
Voltage (VMON) is applied to the Input
Voltage pin (VIN), output at VOUT will be
equal to the input at the VIN pin. High
impedance exists on the Output pin (VOUT)
with the N-channel open drain
configuration. If the pin is pulled-up. VOUT
will be identical to the pull-up voltage.
4. When the Input Voltage (VIN) falls below
the Monitor Release Voltage (VMR) level,
output at the Output pin (VOUT) is equal to
Ground Voltage (VSS) level until the Input
Voltage (VIN) reaches the Minimum
Operating Voltage (VMIN) level.
5. When the Input Voltage (VIN) falls below
the Minimum Operating Voltage (VMIN)
level, output becomes unstable. In the case
of N-channel open drain configuration, as
the output pin is generally pulled-up, the
output will be equal to the pull-up
voltage.
Notes :
1. The difference between VMR and VMF
represents the Hysteresis Range.
Timing Diagram
Input Voltage (V )
Monitor Voltage (V
)
Monitor Release Voltage (V
)
IN
Minimum Operating Voltage (V
)
Ground Voltage (V )
MON
MR
MIN
SS
Ground Voltage (V )
SS
Output Voltage (V
)
OUT
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com