Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6101 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML6101
Description  Voltage Monitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6101 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML6101 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6101 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
P1/11
Rev. A, June 2005
ML6101
ML6101 Series Voltage Monitor
Application
Battery Charger Voltage Monitor
Features
CMOSLowPowerConsumption:Typical1.0uAat
Vin=2.0V
SelectableMonitorVoltage:1.1Vto6.0Vin0.1V
increments
HighlyAccurate: DetectVoltage1.1Vto1.9V+3%
DetectVoltage2.0Vto6.0V+2%
OperatingVoltage: 0.8Vto10.0V
PackageAvailable: SOT23(150mW), SOT89 (500mW)
&TO92 (300mW)
General Description
The ML6101 is a group of high-precision and low-power Voltage Monitor. The ML6101 consists
of a highly-accurate and low-power reference voltage source, a comparator, a hysteresis circuit,
and an output driver. Detect voltage is very accurate and stable with N-channel open drain and
CMOS, are available. Output High when the Monitor Voltage goes upto or higher than the user
selected Monitor Voltage.
Block Diagram
(1) CMOS Output
(2) N-Channel Open Drain Output
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
10
V
Output Current
IOUT
50
mA
Output Voltage
VOUT
VSS-0.3 ~VIN+0.3
V
SOT-23
150
SOT-89
500
Continuous
Total Power
Dissipation
TO-92
Pd
300
mW
Operating Ambient
Temperature
Topr
-40 ~ +70
oC
Storage Temperature
Tstg
-40 ~ +70
oC


Similar Part No. - ML6101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML6101A MITSUBISHI-ML6101A Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
More results

Similar Description - ML6101

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Intersil Corporation
ISL88042 INTERSIL-ISL88042 Datasheet
301Kb / 8P
Quadruple Voltage Monitor
July 26, 2010
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
Quad Voltage Monitor
April 29, 2010
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
SUPPLY VOLTAGE MONITOR
JULY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com