Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC78L24 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC78L24
Description  Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC78L24 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSC78L24 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC78L24 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC78L24 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC78L24 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC78L24 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Input Voltage
100
0~125
Output Current
Temperature Range
Tj
Tstg
Storage Temperature Range
IO
C
C
o
o
Operating Junction
Parameter
Symbol
Ratings
Unit
V
mA
VIN
30
Absolute Maximum Ratings
SSC78L05~09
SSC78L12~24
35
V
VIN
Power Dissipation
PD
-55~150
750
mW
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 5
Description
The SSC78LXX series of positive regulators are available in the SOP-8
package and with 5V,6V,8V,9V,10V,12V,15V,18V and 24V fixed output
voltages, making it useful in a wide range of applications. These regulators
can provide local on-card regulation, eliminating the distribution problems
associated with single point regulation. Each type employs internal
sinking is provided, they can deliver over 100mA output current. Although
designed primarily as fixed voltage regulators, these devices can be used
with external components to obtain adjustable voltages and currents.
SSC78LXX is characterized for operation from 0 C to + 125 C.
o
o
Features
* No External Components Required
* Internal Short-Circuit Current Limiting
* Internal Thermal Overload Protection
RoHS Compliant Product
Elektronische Bauelemente
SSC78LXX
Positive Voltage Regulator
Typical Application
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Millimeter
Millimeter
SSL78LXX


Similar Part No. - SSC78L24

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SSC7102 MICROCHIP-SSC7102 Datasheet
177Kb / 7P
Bosch Sensor Fusion Firmware Addendum
03/25/14
More results

Similar Description - SSC78L24

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
Positive Voltage Regulator
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78LXX ESTEK-ET-78LXX Datasheet
594Kb / 12P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
ET-78XX ESTEK-ET-78XX Datasheet
524Kb / 10P
Positive-Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com