Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2156 Datasheet(PDF) 7 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC2156
Description  Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC2156 Datasheet(HTML) 7 Page - SeCoS Halbleitertechnologie GmbH

  SSC2156 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
01-Jun-2002 Rev. A
Page
7of 7
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SSC2156
600mA CMOS
Positive Voltage Regulator
External Resistor Divider Table
R1(K Ohm)
1
2
3
4
5
6
7
8
9
10
VOUT
R2(K Ohm)=(1.215*R1(K Ohm))/(VOUT-1.215)
3.35
0.57
1.14
1.71
2.28
2.85
3.41
3.98
4.55
5.12
5.69
3.40
0.56
1.11
1.67
2.22
2.78
3.34
3.89
4.45
5.00
5.56
3.45
0.54
1.09
1.63
2.17
2.72
3.26
3.81
4.35
4.89
5.44
3.50
0.53
1.06
1.60
2.13
2.66
3.19
3.72
4.25
4.79
5.32
3.55
0.52
1.04
1.56
2.08
2.60
3.12
3.64
4.16
4.68
5.20
3.60
0.51
1.02
1.53
2.04
2.55
3.06
3.57
4.08
4.58
5.09
3.65
0.50
1.00
1.50
2.00
2.49
2.99
3.49
3.99
4.49
4.99
3.70
0.49
0.98
1.47
1.96
2.44
2.93
3.42
3.91
4.40
4.89
3.75
0.48
0.96
1.44
1.92
2.40
2.88
3.36
3.83
4.31
4.79
3.80
0.47
0.94
1.41
1.88
2.35
2.82
3.29
3.76
4.23
4.70
3.85
0.46
0.92
1.38
1.84
2.31
2.77
3.23
3.69
4.15
4.61
3.90
0.45
0.91
1.36
1.81
2.26
2.72
3.17
3.62
4.07
4.53
3.95
0.44
0.89
1.33
1.78
2.22
2.67
3.11
3.55
4.00
4.44
4.00
0.44
0.87
1.31
1.75
2.18
2.62
3.05
3.49
3.93
4.36
4.05
0.43
0.86
1.29
1.71
2.14
2.57
3.00
3.43
3.86
4.29
4.10
0.42
0.84
1.26
1.68
2.11
2.53
2.95
3.37
3.79
4.21
4.15
0.41
0.83
1.24
1.66
2.07
2.48
2.90
3.31
3.73
4.14
4.20
0.41
0.81
1.22
1.63
2.04
2.44
2.85
3.26
3.66
4.07
4.25
0.40
0.80
1.20
1.60
2.00
2.40
2.80
3.20
3.60
4.00
4.30
0.39
0.79
1.18
1.58
1.97
2.36
2.76
3.15
3.54
3.94
4.35
0.39
0.78
1.16
1.55
1.94
2.33
2.71
3.10
3.49
3.88
4.40
0.38
0.76
1.14
1.53
1.91
2.29
2.67
3.05
3.43
3.81
4.45
0.38
0.75
1.13
1.50
1.88
2.25
2.63
3.00
3.38
3.76
4.50
0.37
0.74
1.11
1.48
1.85
2.22
2.59
2.96
3.33
3.70
4.55
0.36
0.73
1.09
1.46
1.82
2.19
2.55
2.91
3.28
3.64
4.60
0.36
0.72
1.08
1.44
1.79
2.15
2.51
2.87
3.23
3.59
4.65
0.35
0.71
1.06
1.41
1.77
2.12
2.48
2.83
3.18
3.54
4.70
0.35
0.70
1.05
1.39
1.74
2.09
2.44
2.79
3.14
3.49
4.75
0.34
0.69
1.03
1.37
1.72
2.06
2.41
2.75
3.09
3.44
4.80
0.34
0.68
1.02
1.36
1.69
2.03
2.37
2.71
3.05
3.39
4.85
0.33
0.67
1.00
1.34
1.67
2.01
2.34
2.67
3.01
3.34
4.90
0.33
0.66
0.99
1.32
1.65
1.98
2.31
2.64
2.97
3.30
4.95
0.33
0.65
0.98
1.30
1.63
1.95
2.28
2.60
2.93
3.25
5.00
0.32
0.64
0.96
1.28
1.61
1.93
2.25
2.57
2.89
3.21



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com