Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2156 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC2156
Description  Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC2156 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSC2156 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSC2156 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
01-Jun-2002 Rev. A
Page
3 of 7
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
SSC2156-AD
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
6EAD2
Adjustable
XXXX
Ordering Information(contd.)
Detailed Description
The SSC2156 of COMS regulators contain a PMOS pass transistor,voltage reference, error amplifier,over-current protection and thermal
shutdown.The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal protection circuits.
During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current and Thermal shutdown circuits
become active when the junction temperature exceeds150 C, or the current exceeds 600mA.During thermal shutdown, the output voltage
remains low. Normal operation is restored when the junction temperature drops below 120 C. The SSC2156 switches from voltage mode
o
o
External Capacitors
The SSC2156 is stable with an output capacitance to ground of 2.2uF or greater. Ceramic capacitors have the lowest ESR, and will
offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the highest ESR, resulting in the poorest AC
response. Unfortunately, large value ceramic capacitors are comparatively expensive. One option is to parallel a 0.1uF ceramic
capacitor with a 10uF Aluminum Electrolytic. The benefit is low ESR, high capacitance, and low overall cost. A second capacitor is
recommended between the input and ground to stabilize VIN.
The input capacitor should be at least 0.1uF to have a beneficial
effect. All capacitors should be placed in closed proximity to the pins. A "Quiet" ground termination is desirable. This can be
achieved with a "Star" connection.
Enable
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shuts off, and all internal circuits are powered
down. In this state, the quiescent current is less than 1uA. This pin behaves much like an electronic switch.
ADJ
The ADJ pin is the positive input to the error amplifier which, due to the PMOS pass element inversion, means it is actually the negative
input of the LDO feedback loop. The feedback works to keep the voltage at the ADJ pin 1.215V with respect to ground. Since the internal
circutry at the ADJ pin is essentially an ESD protected CMOS gate the input current at the ADJ pin is virtually zero.
when the load exceeds the rated output current.This prevents over-stress. The SSC2156 also incorporates current fold-back to reduce
power dissipation when the output is short circuited. This feature becomes active when the output drops below 0.8V, and reduces the
current flow by 65%. Full current is restored when the voltage exceeds 0.8V.
Elektronische Bauelemente
SSC2156
600mA CMOS
Positive Voltage Regulator



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com