Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4403 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4403
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4403 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4403 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4403 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4403 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4403 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG4403
P-Ch Enhancement Mode Power MOSFET
-6.1 A, -30 V, RDS(ON) 50 mΩ
01-June-2005 Rev. A
Page 1 of 4
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSG4403 uses advanced trench technology to provide excellent on-resistance, low gate charge and operation
with gate voltages as low as 2.5V. The device is suitable for use as a load switch or in PWM applications.
FEATURES
Low Gate Charge
Lower On-resistance
Fast Switching Characteristic
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
3
ID @Ta=25℃
-6.1
A
Continuous Drain Current
3
ID @Ta=70℃
-5.1
A
Pulsed Drain Current
1
IDM
-60
A
Total Power Dissipation
PD @Ta=25℃
2.5
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
℃
Linear Derating Factor
0.02
W/℃
THERMAL DATA
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient
3
Max.
R
θj-amb
50
℃
/W
0.25
Dimensions in millimeters
6.20
5.80
1.27Typ.
0.35
0.49
4.80
5.00
0
0.100.25
1.35
1.75
0.40
0.90
0.19
0.25
3.80
4.00
0.375 REF
o
8
o
45
o
SOP-8


Similar Part No. - SSG4403

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4403 SECOS-SSG4403 Datasheet
965Kb / 3P
P-Ch Enhancement Mode Power MOSFET
SSG4403 SECOS-SSG4403_09 Datasheet
965Kb / 3P
P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4403

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com