Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4403 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4403
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4403 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4403 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4403 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4403 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4403 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG4403
P-Ch Enhancement Mode Power MOSFET
-6.1 A, -30 V, RDS(ON) 50 mΩ
01-June-2005 Rev. A
Page 2 of 4
P-CHANNEL ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID=-250uA
Gate Threshold Voltage
VGS(th)
-0.7
-
-1.3
V
VDS=VGS, ID=-250uA
Forward Transconductance
gfs
-
11
-
S
VDS=-5V, ID=-5A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±12V
Drain-Source Leakage Current(Tj=25℃)
-
-
-1
uA
VDS=-30V, VGS=0
Drain-Source Leakage Current(Tj=55℃)
IDSS
-
-
-5
uA
VDS=-24V, VGS=0
-
-
50
VGS=-10V, ID=-6.1A
-
-
61
VGS=-4.5V, ID=-5A
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
117
mΩ
VGS=-2.5 V, ID=-1 A
Total Gate Charge
2
Qg
-
9.4
-
Gate-Source Charge
Qgs
-
2
-
Gate-Drain (“Miller”) Change
Qgd
-
3
-
nC
ID=-5 A
VDS=-15 V
VGS=-4.5 V
Turn-on Delay Time
2
Td(on)
-
7.6
-
Rise Time
Tr
-
8.6
-
Turn-off Delay Time
Td(off)
-
44.7
-
Fall Time
Tf
-
16.5
-
ns
VDS=-15 V
ID=-10 V
RG=6 Ω
RL=2.4 Ω
Input Capacitance
Ciss
-
940
-
Output Capacitance
Coss
-
104
-
Reverse Transfer Capacitance
Crss
-
73
-
pF
VGS=0 V
VDS=-15 V
f=1.0 MHz
SOURCE-DRAIN DIODE
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage
2
VSD
-
-
-1.0
V
IS=-1A, VGS=0 V
Continuous Source Current (Body Diode)
IS
-
-
-4.2
A
Reverse Recovery Time
2
Trr
-
22.7
-
ns
Reverse Recovery Charge
Qrr
-
15.9
-
nC
IS = -5A, VGS = 0V, Tj=25°C
dl/dt = 100A/us
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse width≦300us, duty cycle≦2%.
3. Mounted on 1 in
2 copper pad of FR4 board; 125 °C/W when mounted on Min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com