Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4913 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4913
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4913 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4913 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4913 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4913 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4913 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG4913
P-Ch Enhancement Mode Power MOSFET
-3.5 A, -20 V, RDS(ON) 130 mΩ
01-December-2008 Rev. A
Page 1 of 4
SOP-8
A
H
B
M
D
C
J
K
F
L
E
N
G
4913SS
1
S1 G1 S2 G2
D1 D1 D2 D2
= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS & FEATURES
The SSG4913 provide the designer with the
best combination of fast switching, ruggedized
device design, low on-resistance and cost-effectiveness.
The SOP-8 package is universally preferred
for all commercial-industrial surface mount applications
and suited for low voltage applications
such as DC/DC converters.
Simple Drive Requirement
Lower On-resistance
Fast Switching Performance
PACKAGE INFORMATION
Weight: 0.07936g
MARKING CODE
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
3
ID @TA=25℃
-3.5
A
Continuous Drain Current
3
ID @TA=70℃
-2.8
A
Pulsed Drain Current
1,2
IDM
-18
A
Total Power Dissipation
PD @TA=25℃
2
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ +150
℃
Linear Derating Factor
0.02
W/℃
THERMAL DATA
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient
3
Max
RθJ-AMB
62.5
℃
/W
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
2
Gate1
1
Source1
Drain1
78
4
Gate2
3
Source2
Drain2
56


Similar Part No. - SSG4913

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4910N SECOS-SSG4910N Datasheet
916Kb / 4P
Dual-N Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSG4910N DOINGTER-SSG4910N Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
SeCoS Halbleitertechnol...
SSG4910N SECOS-SSG4910N_15 Datasheet
919Kb / 4P
Dual-N Enhancement Mode Power MOSFET
More results

Similar Description - SSG4913

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com