Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4913 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4913
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4913 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4913 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4913 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4913 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4913 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG4913
P-Ch Enhancement Mode Power MOSFET
-3.5 A, -20 V, RDS(ON) 130 mΩ
01-December-2008 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS = 0, ID = -250 uA
Breakdown Voltage Temperature Coefficient
ΔBVDSS
/
ΔTJ
-
-0.028
-
V / °C Reference to 25°C, ID = -250 μA
Gate Threshold Voltage
VGS(th)
-0.4
-
-1.0
V
VDS = VGS, ID = -250 μA
Forward Transconductance
gfs
-
6.5
-
S
VDS = -5 V, ID = -3.5 A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS = ±8 V
Drain-Source Leakage Current(Tj=25℃)
-
-
-1
uA
VDS = -16 V, VGS = 0
Drain-Source Leakage Current(Tj=70℃)
IDSS
-
-
-25
uA
VDS = -12 V, VGS = 0
-
-
130
VGS = -4.5 V, ID = -3.5 A
Static Drain-Source On-Resistance
RDS(ON)
-
-
180
mΩ
VGS = -2.5 V, ID = -3.0 A
Total Gate Charge
2
Qg
-
6
8.5
Gate-Source Charge
Qgs
-
0.8
-
Gate-Drain (“Miller”) Charge
Qgd
-
1.3
-
nC
ID = -3.5 A
VDS = -5 V
VGS = -4.5 V
Turn-on Delay Time
2
Td(on)
-
6.5
-
Rise Time
Tr
-
20
-
Turn-off Delay Time
Td(off)
-
31
-
Fall Time
Tf
-
21
-
ns
VDD = -5 V
ID = -1 A
VGS = -4.5 V
RG = 6 Ω
Input Capacitance
Ciss
-
405
-
Output Capacitance
Coss
-
170
-
Reverse Transfer Capacitance
Crss
-
45
-
pF
VGS = 0 V
VDS = -10 V
f = 1.0 MHz
SOURCE-DRAIN DIODE
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage
2
VSD
-
-
-1.2
V
IS= -2.1 A, VGS=0V
Continuous Source Current (Body Diode)
IS
-
-
-2.1
A
VD = VG = 0 V, VS = -1.2 V
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse width≦300us, duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com