Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP1027 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP1027
Description  P-Channel Enhancement Mode Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP1027 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSP1027 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP1027 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSP1027 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSP1027 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSP1027
-3.5 A, -20 V, RDS(ON) 97 m
Ω
P-Channel Enhancement Mode Mos.FET
01-June-2003 Rev. A
Page 1 of 4
Bottom View
B
I
G
J
PIN#1 Indent
PIN#1 Indent
F
H
K
Side View
A
D
E
C
5
1
6
2
3
4
D1
G2
S2
S1
G1
D2
TDFN
S1 G1 D2
D1 G2 S2
D1
D2
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The SSP1027 utilized advance processing techniques to achieve the lowest possible on-resistance, extremely
efficient and cost-effectiveness device. The SSP1027 is universally used for all commercial-industrial applications.
FEATURES
Low On-Resistance
Low Gate Charge
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
3
ID @TA=25℃
ID @TA=70℃
-3.5
-2.8
A
Pulsed Drain Current
1
IDM
-15
A
Power Dissipation
PD @TA=25℃
0.7
W
Linear Derating Factor
0.006
W/℃
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ +150
℃
THERMAL DATA
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient
3 (Max)
RθJA
98
℃
/W
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.900
2.100
F
0.520
0.720
B
1.900
2.100
G
0.650 TYP
H
0.200 MIN
C
0.650
0.800
I
0.150
0.350
D
0.203 REF
J
0.900
1.100
E
0.000
0.050
K
0.250
0.350


Similar Part No. - SSP1027

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSP1007MR14LF SUPERWORLD-SSP1007MR14LF Datasheet
736Kb / 5P
SMD Power Choke Coil
SSP1007MR16LF SUPERWORLD-SSP1007MR16LF Datasheet
736Kb / 5P
SMD Power Choke Coil
SSP1007MR19LF SUPERWORLD-SSP1007MR19LF Datasheet
736Kb / 5P
SMD Power Choke Coil
SSP1007MR22LF SUPERWORLD-SSP1007MR22LF Datasheet
736Kb / 5P
SMD Power Choke Coil
SSP1007MR25LF SUPERWORLD-SSP1007MR25LF Datasheet
736Kb / 5P
SMD Power Choke Coil
More results

Similar Description - SSP1027

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SID3403 SECOS-SID3403 Datasheet
781Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG4957 SECOS-SSG4957 Datasheet
429Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG9563 SECOS-SSG9563 Datasheet
500Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
P-Channel Enhancement Mode Power Mos.FET
STT3981 SECOS-STT3981 Datasheet
253Kb / 5P
P-Channel Enhancement Mode Mos.FET
STT6405 SECOS-STT6405 Datasheet
954Kb / 4P
P-Channel Enhancement Mode Mos.FET
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
P-Channel Enhancement Mode Power Mos.FET
STT3423P SECOS-STT3423P Datasheet
501Kb / 4P
P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981_10 Datasheet
908Kb / 5P
P-Channel Enhancement Mode Mos.FET
STT6405 SECOS-STT6405_09 Datasheet
861Kb / 3P
P-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com