Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP1027 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP1027
Description  P-Channel Enhancement Mode Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP1027 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSP1027 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP1027 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSP1027 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSP1027 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSP1027
-3.5 A, -20 V, RDS(ON) 97 m
Ω
P-Channel Enhancement Mode Mos.FET
01-June-2003 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS = 0, ID = -250 uA
Gate Threshold Voltage
VGS(th) -0.35
-
-0.8
V
VDS = VGS, ID = -250 uA
Gate Leakage Current
IGSS
-
-
±100
nA VDS = 0 V, VGS = ±12 V
Drain-Source Leakage Current (Tj=25℃)
-
-
-1
VDS = -20 V, VGS = 0
Drain-Source Leakage Current (Tj=70℃)
IDSS
-
-
-5
uA
VDS = -20 V, VGS = 0, TJ = 55°C
On-State Drain Current
ID(on)
-6
-
-
A
VDS ≦ -5 V, VGS = -4.5 V
Forward Transconductance
gfs
-
6
-
S
VDS = -5 V, ID = -2.8 A
Diode Forward Voltage
VSD
-
-0.8 -0.2
V
IS = -1.5 A, VGS = 0 V
-
76
95
VGS = -4.5 V, ID = -3.4 A
-
97
120
VGS = -2.5 V, ID = -2.4 A
Drain-Source On-Resistance
RDS(ON)
-
123
145
mΩ
VGS = -1.8 V, ID = -1.7 A
Dynamic
Total Gate Charge
2
Qg
-
4.8
8
Gate-Source Charge
Qgs
-
1.0
-
Gate-Drain Charge
Qgd
-
1.0
-
nC ID = -2.8 A
VDS = -6 V
VGS = -4.5 V
Turn-on Time
Td(on)
-
10
16
Rise Time
Tr
-
13
23
Turn-off Time
Td(off)
-
18
25
Fall Time
Tf
-
15
20
nS
VDD = -6 V
ID = -1 A
VGEN = -4.5 V
RG = 6 Ω
RL = 6 Ω
Input Capacitance
Ciss
-
485
-
Output Capacitance
Coss
-
85
-
Reverse Transfer Capacitance
Crss
-
40
-
pF
VGS = 0 V
VDS = -6 V
f = 1.0 MHz
Notes:
1. Pulse width limited by maximum junction temperature.
2. Pulse width≦300us, dutycycle≦2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board; 180 °C/W when mounted on minimum copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com