Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2011LS1A Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011LS1A
Description  Miniature Pushbuttons
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011LS1A Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2011LS1A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Pushbuttons
Series MB2000
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code W):
6A @ 125V AC & 3A @ 250V AC or 3A @ 30V DC
Logic Level (code G):
0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Logic/Power Level (code A):
Combines W & G ratings
Note: Find additional explanation dual rating & operating range in Supplement section.
Other Ratings
Contact Resistance:
10 milliohms maximum for silver; 20 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
50,000 operations minimum for splashproof models; 100,000 for all other models
Electrical Life:
25,000 operations minimum for silver; 50,000 operations minimum for gold
50,000 operations minimum for silver at 3A @ 125V AC
Nominal Operating Force:
Momentary Action: 1-pole 9.32N; 2-pole 16.18N; 4-pole 25.54N;
Alternate Action: 1-pole 4.41N; 2-pole 7.06N; 4-pole 11.77N
Contact Timing:
Slow make, slow break
Plunger Travel:
Screw-on Cap (Mom.)
Screw-on Cap (Alt.)
Snap-on Cap (Mom. & Alt.)
Pretravel:
.028” (0.71mm)
.110” (2.80mm)
.125” (3.19mm)
Overtravel:
.043” (1.09mm)
.043” (1.10mm)
.050” (1.26mm)
Total Travel
.071” (1.80mm)
.153” (3.90mm)
.175” (4.45mm)
Materials & Finishes
Plunger:
Brass w/nickel plating; polyacetal w/B1 bushing
Bushing:
Brass with nickel plating
Frame:
Stainless steel
Case:
Diallyl phthalate resin (UL94V-0)
Movable Contactor:
Phosphor bronze with silver or gold plating
Movable Contacts:
Silver alloy (code W); copper with gold plating (code G); or silver alloy with gold plating (code A)
Stationary Contacts:
Silver with silver plating (code W); copper or brass with gold plating (code G); or
silver with gold plating (code A)
Terminals:
Copper or brass with silver plating; copper or brass with gold plating
Environmental Data
Operating Temp Range:
–30°C through +85°C (–22°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Sealing:
B3 & D3 bushing options equivalent to IP67
Installation
Mounting Torque:
1.5Nm (13.0 lb•in) for double nut; .7Nm (6.0 lb•in) for single nut
Cap Installation Force:
80.0N (18.0 lbf) maximum downward force on actuator
Soldering Time & Temp:
Wave Soldering (PC version): See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Process Seal:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 case
UL & C-UL Recognized:
All models recognized at 6A @ 125V AC or 3A @ 250V AC or 0.4VA max. @ 28V DC max;
UL File No. WOYR2.E44145; add “/U” to end of part number to order UL mark on switch
C-UL File No. WOYR8.E44145; add “/C-UL” to end of part number to order C-UL mark on switch
CSA Certified:
All models certified at 6A @ 125V AC or 3A @ 250V AC or 0.4VA max. @ 28V max;
CSA File No. 023535-0-000; add “/C” to end of part number to order CSA mark on switch.
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com