Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2011LS1A Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011LS1A
Description  Miniature Pushbuttons
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011LS1A Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2011LS1A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1A Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Bushing Mount Miniature Pushbuttons
Series MB2000
CAP COLORS
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
TYPICAL SWITCH ORDERING EXAMPLE
A
2011
C
MB
SPDT ON-(ON) Circuit
Solder Lug Terminals
POLES & CIRCUITS
2011
SPDT
ON
(ON)
2065
SPDT
ON
ON
2061
DPDT
ON
(ON)
2085
DPDT
ON
ON
2181
4PDT
ON
(ON)
2185
4PDT
ON
ON
( ) = Momentary
S
IMPORTANT:
Switches are supplied without UL,
C-UL, & CSA markings unless
specified. Specific models & rat-
ings noted on General Specifica-
tions page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MB2011SS1W01-CA
CAPS
B
.315” (8.0mm) Dia.
C
.394” (10.0mm) Dia.
CONTACT MATERIALS
& RATINGS
W
Silver
Rated 6A @ 125V AC
& 3A @ 250V AC
G
Gold
Rated 0.4VA max @
28V AC/DC max
A
Gold over Silver
Rated 6A @ 125V AC
& 0.4VA max @ 28V
AC/DC max
Plunger for Screw-on Caps
S1 W 01
PLUNGER TYPES
S
Plunger for Screw-on Caps
L
Plunger for Snap-on Caps
BUSHINGS
S1
.335” (8.5mm)
Threaded with Keyway
S2
.335” (8.5mm)
Smooth with Keyway
S4
.335” (8.5mm) Metric
Threaded with Keyway
D1
.335” (8.5mm)
Threaded with D-Flat
D3
.335” (8.5mm)
Threaded Splashproof
without Keyway
TERMINALS
01
Solder Lug
02
Quick Connect
03
.250” (6.35mm) Straight PC
05
.425” (10.8mm) Wirewrap
06
.750” (19.05mm) Wirewrap
07
.964” (24.5mm) Wirewrap
08
1.062” (27.0mm) Wirewrap
Black .394” (10.0mm) Diameter Cap
Silver Contacts with 6-Amp Rating
.335” (8.5mm) Threaded Bushing with Keyway



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com