Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL431 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STL431
Description  3-Terminal Adjustable Shunt Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STL431 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STL431 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STL431 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STL431 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cathode Voltage
-100~+150
-65~+150
Cathode Current Range (Continuous)
Storage Temperature Range
Tj ,Tstg
IKA
C
o
Operating Junction And
Parameter
Symbol
Ratings
Unit
V
mA
VKA
37
Absolute Maximum Ratings at TA=25 C
Total Power Dissipation
PD
1.0
o
W
Reference Input Current Range
IREF
-0.05~+10
mA
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Aug-2002 Rev. B
Page 1 of 3
Description
The STL431 series are three-terminal adjustable regulators
with guaranteed thermal stability over applicable temperature
ranges. The output voltage may be set to any value between
VREF (approximately 2.495V) and 36V with two external resistors.
It provides very wide applications, including shunt regulator,
series regulator, switching regulator, voltage reference and others.
Elektronische Bauelemente
STL431
3-Terminal
Adjustable Shunt
Regulator
SOT-89
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5° TYP.
M
0.70 REF.
Millimeter
Millimeter
Characteristics at Ta = 25 ::::
Parameter
Symbol
Min
Typ.
Max.
Unit
Test Conditions
Cathode Voltage
VKA
VREF
-
36
V
Cathode Current
IKA
1
-
100
mA
Reference Input Voltage
STL431C
2.445
STL431B
2.470
STL431A
VREF
2.483
2.495
2.545
2.495
2.520
VKA= VREF,IK=10mA
2.495
2.507
V
Deviation of reference Input Voltage
VKA=VREF,IK=10mA
Over temperature(note)
VREF/ T
-
4.5
17
mV
Tmin Ta Tmax
Ratio of Change in Reference Input
-
-1.0
-2.7
VKA=10V~VREF
Voltage to the Change in Cathode Voltage
VREF/ VKA
-
-0.5
-2.0
mV/V IK=10mA
VKA=36V~10V
Reference Input Current
IREF
-
1.5
4
uA
IK=10mA,R1=10K ,R2=
Deviation of reference Input Current
IK=10mA,R1=10K ,R2=
Over Full Temperature Range
IREF/ T
-
0.4
1.2
uA
TA=Full Temperature
Minimum Cathode Current for Regulation
IKA(min)
-
0.45
1.0
mA
VKA=VREF
Off-State Cathode Current
IKA(off)
-
0.05
1.0
uA
VKA=36V,VREF=0
Dynamic Impedance
‡ZkA
-
0.15
0.5
VKA=VREF,IK=1 to 100mA,F 1.0KHz
Note: Tmin= 0 ,Tmax=+70


Similar Part No. - STL431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL40C30H3LL STMICROELECTRONICS-STL40C30H3LL Datasheet
1Mb / 19P
N-channel 30 V, 0.019 Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
April 2014 Rev 5
STL40DN3LLH5 STMICROELECTRONICS-STL40DN3LLH5 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
Among the lowest RDS on the market
18-Dec-2015
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
135Kb / 5P
Keil starter kits for ST ARM core-based microcontrollers
18-Jun-2009
More results

Similar Description - STL431

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
SeCoS Halbleitertechnol...
TL431 SECOS-TL431 Datasheet
583Kb / 3P
3-Terminal Adjustable Shunt Regulator
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com