Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT3434 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3434
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3434 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3434 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3434 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3434 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3434 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
STT3434
6.1 A, 30 V, RDS(ON) 34 m
Ω
N-Channel Enhancement Mode Power Mos.FET
01-June-2005 Rev. A
Page 1 of 4
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The STT3434 uses advanced trench technology to provide excellent on-resistance and low gate charge.
The TSOP-6 package is universally used for all commercial-industrial surface mount applications.
APPLICATIONS
Low on-resistance
Capable of 2.5V gate drive
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current3
VGS@ 4.5V, ID @TA=25℃
VGS@ 4.5V, ID @TA=70℃
6.1
4.9
A
Pulsed Drain Current1
IDM
30
A
Power Dissipation
PD @TA=25℃
1.14
W
Linear Derating Factor
0.01
W/℃
Thermal Resistance Junction-ambient
3
Max.
R
θJA
110
℃
/W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
℃
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.10 Max
L
0.45 Ref
A1
0
0.10
L1
0.60 Ref
A2
0.70
1.00
θ
0°
10°
c
0.12 Ref
b
0.30
0.50
D
2.70
3.10
e
0.95 Ref
E
2.60
3.00
e1
1.90 Ref
E1
1.40
1.80


Similar Part No. - STT3434

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3434 VBSEMI-STT3434 Datasheet
487Kb / 9P
N-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3434N SECOS-STT3434N Datasheet
190Kb / 2P
N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STT3434N VBSEMI-STT3434N Datasheet
487Kb / 9P
N-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3434N SECOS-STT3434N_15 Datasheet
190Kb / 2P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - STT3434

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM161 SECOS-SGM161 Datasheet
546Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2308 SECOS-SGM2308 Datasheet
379Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2310 SECOS-SGM2310 Datasheet
508Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SID01L60 SECOS-SID01L60 Datasheet
710Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2304 SECOS-SMG2304 Datasheet
454Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SMG2304A SECOS-SMG2304A Datasheet
455Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG3018K SECOS-SMG3018K Datasheet
719Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com