Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT3434 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3434
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3434 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3434 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3434 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3434 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3434 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
STT3434
6.1 A, 30 V, RDS(ON) 34 m
Ω
N-Channel Enhancement Mode Power Mos.FET
01-June-2005 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0, ID = 250uA
Gate Threshold Voltage
VGS(th)
0.6
-
-
V
VDS = VGS, ID = 1mA
Forward Transconductance
gfs
-
20
-
S
VDS = 10V, ID = 6.1A
Gate Leakage Current
IGSS
-
-
±100
nA
VGS = ±12 V
Zero Gate Voltage Drain Current (Tj=25 )
℃
-
-
1
VDS = 30 V, VGS = 0 V
Zero Gate Voltage Drain Current (Tj=75 )
℃
IDSS
-
-
5
uA
VDS = 24 V, VGS = 0 V
-
-
34
VGS = 4.5 V, ID = 6.1 A
Drain-Source On-Resistance
2
RDS(ON)
-
-
50
mΩ
VGS = 2.5 V, ID = 2.0 A
Total Gate Charge
2
Qg
-
8
12
Gate-Source Charge
Qgs
-
1.9
-
Gate-Drain Charge
Qgd
-
2.6
-
nC
ID = 6.1 A
VDS = 15 V
VGS = 4.5 V
Td(on)
-
21
-
Turn-on Delay Time
2
Rise Time
Tr
-
45
-
Td(off)
-
40
-
Turn-off Delay Time
Fall Time
Tf
-
30
-
ns
VDS = 15 V
ID = 1 A
VGS = 4.5 V
RG = 6 Ω
RL = 15 Ω
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage
2
VSD
-
-
1.2
V
IS = 1.7 A, VGS = 0 V
Reverse Recovery Time
2
Trr
-
40
-
ns
IS = 1.7 A, dl/dt = 100A/us
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse width300us, duty cycle ≦ 2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board, t ≦ 5 sec; 180°C/W when mounted on Min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com