Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W005G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # W005G
Description  1.5AMP Single Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

W005G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  W005G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH W005G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
WO...G/WOM...G SERIES
VOLTAGE 50V ~ 1000V
1.5AMP Single Phase Bridge Rectifiers
FEA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
http://www.SeCoSGmbH.com
Elektronische Bauelemente
22-Jun-2007 Rev. A
Page 1 of 2
Dimensions in inches and (millimeters)
WOB
.180(4.6)
.220(5.6)
SPACING
.350(8.9)
.366(9.3)
.220(5.6)
.200(5.1)
MIN
(27.9)
1.1
1.0
(25.4)
MIN
.180(4.6)
.220(5.6)
.032(0.81)
.028(0.71)
POS.
LEAD
WOBM
.386(9.8)
.354(9.0)
.181(4.6)
.150(3.8)
1.1
(27.9)
MIN
MIN
(25.4)
1.0
.032(0.81)
.028(0.71)
.220(5.6)
.180(4.6)
POS.
LEAD
SPACING
.220(5.6)
.180(4.6)
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TURES
*
Surge overload rating -50 amperes peak
*
Ldeal for printed circuit board
technique results in expensive product
*
Mounting Position :Any
*
RoHS Compliant Product
*
Reliable low cost construction utilizong molded plastic
CHARACTERISTICS
W005G
W01G
W02G
W04G
W06G
W08G
W10G
W005MG W01MG W02MG W04MG W06MG W08MG W10MG
VRRM
50
100
200
400
600
800
1000
VRMS
35
70
140
280
420
560
700
VDC
50
100
200
400
600
800
1000
I
2t
TJ
TSTG
I(AV)
1.5
5.0
50
IFSM
SYMBOL
10.0
1.0
1.1
VF
-55 to +150
IR
-55 to +150
Maximum Recurrent Peak Reverse Voltage
V
Maximum RMS Voltage
V
Maximum DC Blocking Voltage
V
Maximum Average Forward
Rectified Current
@TA=25℃
Peak Forward Surage Current ,8.3m Single
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
I
2t Rating for Fusing (t<8.3ms)
A
2t
Maximum Forward Voltage Drop Per Element
at 1.5A Peak
Maximum Reverse Current at Rated
TA=25℃
uA
DC Blocking Voltage Per Element
TA=100℃
mA
Operating Temperature Range TJ
Storage Temperature Range TA
A
UNIT
A
V
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - W005G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
W005G PANJIT-W005G Datasheet
49Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Won-Top Electronics
W005G WTE-W005G Datasheet
52Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fairchild Semiconductor
W005G FAIRCHILD-W005G Datasheet
163Kb / 3P
1.5 Ampere Glass Passivated Bridge Rectifiers
logo
Shanghai Lunsure Electr...
W005G CHENYI-W005G Datasheet
193Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
W005G DIODES-W005G Datasheet
52Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
More results

Similar Description - W005G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
RB151 SECOS-RB151 Datasheet
226Kb / 2P
VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS151G TSC-DBLS151G_11 Datasheet
130Kb / 2P
Single Phase 1.5AMP. Glass Passivated Bridge Rectifiers
DBL151G TSC-DBL151G_11 Datasheet
132Kb / 2P
Single Phase 1.5AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBP151G LUGUANG-KBP151G Datasheet
178Kb / 2P
Single Phase 1.5AMP. Glass Passivatec Bridge Rectifiers
logo
DIYI Electronic Technol...
EDB151S DYELEC-EDB151S Datasheet
1Mb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB151 DYELEC-RDB151_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP GLASS PASSIVATED BRIDGE RECTIFIER
UDB151S DYELEC-UDB151S_17 Datasheet
3Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RABS152 DYELEC-RABS152_17 Datasheet
4Mb / 3P
SINGLE PHASE 1.5AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABF152 DYELEC-RABF152_17 Datasheet
3Mb / 3P
SINGLE PHASE 1.5AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
DB151 DYELEC-DB151_16 Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com