Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W005G Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # W005G
Description  1.5AMP Single Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

W005G Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  W005G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH W005G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
WO...G/WOM...G SERIES
VOLTAGE 50V ~ 1000V
1.5AMP Single Phase Bridge Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
22-Jun-2007 Rev. A
Page
2 of 2
FIG.1-DERATING CURVE
OUTPUT RECTIFIED CURRENT
AMBIENT TEMPERATURE ,℃
0
1.5
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
TJ=25℃
TYPICAL
DISTRIBUTION
0.01
0.1
1.0
10
TJ=25
FIG.4-TYPIACL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100
120
140
FIG. 1
–MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
1
10
100
20
0
40
60
10
30
50
TJ-25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com