Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1304CSO28_Q Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CDK1304CSO28_Q
Description  10-bit, 25 MSPS 135mW A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1304CSO28_Q Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK1304CSO28_Q Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
5
Data Sheet
Electrical Characteristics
(TA = TMin to TMax, AVDD = DVDD = OVDD = +5V, VIN = 0 to 4V, ƒclk = 25 MSPS, VRHS = 4V, VRLS = 0V; unless otherwise noted)
symbol
parameter
conditions
Min
typ
Max
units
SFDR
Spurious Free Dynamic Range
ƒIN = 1MHz
63
pspp
Differential Phase
±0.3
deg
Differential Gain
±0.3
%
Digital Inputs
Logic “1“ Voltage(1)
2.0
V
Logic “0“ Voltage(1)
0.8
V
Maximum Input Current Low(1)
-10
+10
μA
Maximum Input Current High(1)
-10
+10
μA
Input Capacitance
+5
pF
Digital Outputs
Logic “1“ Voltage(1)
IOH = 0.5mA
3.5
V
Logic “0“ Voltage(1)
IOL = 1.6mA
0.4
V
TR
Rise Time
15pF load
10
ns
TF
Fall Time
15pF load
10
ns
Output Enable to Data Output Delay
20pF load, TA = 25°C
10
ns
50pF load over temp
22
ns
Power Supply Requirements
OVDD
Digital Voltage Supply(2)
3.0
5.0
V
DVDD
4.75
5.0
5.25
V
AVDD
4.75
5.0
5.25
V
AIDD
Digital Voltage Current(1)
16
20
mA
DIDD
11
15
mA
Power Dissipation(1)
135
175
mW
notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com