Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1304CSO28_Q Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CDK1304CSO28_Q
Description  10-bit, 25 MSPS 135mW A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1304CSO28_Q Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CDK1304CSO28_Q Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1304CSO28_Q Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
2
Data Sheet
Pin Configuration
SOIC-28
TQFP-32
Pin Assignments
SOIC-28
TQFP-32
Pin Name
Description
1,8
3,4,28,29
AGND
Analog Ground
2
30
VRHF
Reference High Force
3
31
VRHS
Reference High Sense
5
32
VRLS
Reference Low Sense
6
1
VRLF
Reference Low Force
9
5
VCAL
Calibration Reference
7
2
VIN
Analog Input
10
6,7
AVDD
Analog VDD
11
8,9
DVDD
Digital VDD
12
10,11
DGND
Digital Ground
13
12
CLK
Input Clock ƒCLK = FS (TTL)
15
14
EN
Output Enable
16-20,
23-27
15-19,
22-26
D0-D9
Tri-State Data Output, (D0 = LSB)
28
27
D10
Tri-State Output Overrange
14
13
DAV
Data Valid Output
22
21
OVDD
Digital Output Supply
21
20
OGND
Digital Output Ground
4
–
N/C
No Connect
CDK1304
CDK1304



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com