Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1306 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CDK1306
Description  10-bit, 40 MSPS 160mW A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1306 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CDK1306 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1306 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1306 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1306 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1306 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1306 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1306 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1306 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1306 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
©2008 CADEKA Microcircuits LLC
www.cadeka.com
CDK1306
10-bit, 40 MSPS 160mW A/D Converter
Amplify the Human Experience
features
n
40 MSPS converter
n
160mW power dissipation
n
On-chip track-and-hold
n
Single +5V power supply
n
TTL/CMOS outputs
n
5pF input capacitance
n
Tri-state output buffers
n
High ESD protection: 3,500V minimum
n
Selectable +3V or +5V logic I/O
a pplication s
n
All high-speed applications where low
power dissipation is required
n
Video imaging
n
Medical imaging
n
Radar receivers
n
IR imaging
n
Digital communications
General Description
The CDK1306 is a 10-bit, low power analog-to-digital converter capable
of minimum word rates of 40 MSPS. The on-chip track-and-hold function
assures very good dynamic performance without the need for external
components. The input drive requirements are minimized due to the CDK1306
low input capacitance of only 5pF.
Power dissipation is extremely low at only 160mW typical at 40 MSPS with
a power supply of +5.0V. The digital outputs are +3V or +5V, and are user
selectable. The CDK1306 is pin-compatible with an entire family of 10-bit,
CMOS converters (CDK1304/05/06), which simplifies upgrades. The CDK1306
has incorporated proprietary circuit design* and CMOS processing technologies
to achieve its advanced performance. Inputs and outputs are TTL/CMOS-
compatible to interface with TTL/CMOS logic systems. Output data format is
straight binary.
The CDK1306 is available in 28-lead SOIC and 32-lead small (7mm square)
TQFP packages over the commercial temperature range.
Block Diagram
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CDK1306CSO28
SOIC-28
Yes
Yes
0°C to +70°C
Rail
CDK1306CSO28_Q
SOIC-28
No
No
0°C to +70°C
Rail
CDK1306CTQ32
TQFP-32
Yes
Yes
0°C to +70°C
Rail
CDK1306CTQ32_Q
TQFP-32
No
No
0°C to +70°C
Rail
Moisture sensitivity level for SOIC-28 is MSL-1 and TQFP is MSL-3.


Similar Part No. - CDK1306

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44 CADEKA-CDK1300ITQ44 Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44_Q CADEKA-CDK1300ITQ44_Q Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1301 CADEKA-CDK1301 Datasheet
2Mb / 12P
8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
CDK1301ITQ44 CADEKA-CDK1301ITQ44 Datasheet
2Mb / 12P
8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
More results

Similar Description - CDK1306

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9040A AD-AD9040A Datasheet
192Kb / 12P
10-Bit 40 MSPS A/D Converter
REV.B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
10-bit, 40 MSPS 175mW A/D Converter
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
10-BIT, 40 MSPS A/D CONVERTER
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
10-Bit 40 MSPS A/D Converter
REV. D
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com