Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK1307 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # CDK1307
Description  Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1307 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button CDK1307 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1307 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
7
ADVANCE Data Sheet
Electrical Characteristics - CDK1307B
(AVDD = 1.8V, DVDD = 1.8V, DVDDCLK = 1.8V, OVDD = 2.5V, 40MSPS clock, 50% clock duty cycle,
-1dBFS 8MHz input signal, 13-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 2MHz
73.2
dBFS
FIN = 8MHz
73.0
dBFS
FIN ≃ FS/2
72.5
dBFS
FIN = 30MHz
71.2
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 2MHz
72.1
dBFS
FIN = 8MHz
72.0
dBFS
FIN ≃ FS/2
71.7
dBFS
FIN = 30MHz
70.6
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 2MHz
81.3
dBc
FIN = 8MHz
82.0
dBc
FIN ≃ FS/2
81.6
dBc
FIN = 30MHz
82.1
dBc
HD2
Second order Harmonic Distortion
FIN = 2MHz
-97.5
dBc
FIN = 8MHz
-103
dBc
FIN ≃ FS/2
-95.3
dBc
FIN = 30MHz
-85.1
dBc
HD3
Third order Harmonic Distortion
FIN = 2MHz
-82.5
dBc
FIN = 8MHz
-85.3
dBc
FIN ≃ FS/2
-81.6
dBc
FIN = 30MHz
-95.8
dBc
ENOB
Effective number of Bits
FIN = 2MHz
11.7
bits
FIN = 8MHz
11.7
bits
FIN ≃ FS/2
11.6
bits
FIN = 30MHz
11.4
bits
Power Supply
AIDD
Analog Supply Current
13.4
mA
DIDD
Digital Supply Current
Digital core supply
1.7
mA
OIDD
Output Driver Supply
2.5V output driver supply, sine wave input,
FIN = 1MHz, CLK_EXT enabled
3.3
mA
2.5V output driver supply, sine wave input,
FIN = 1MHz, CLK_EXT disabled
2.4
mA
Analog Power Dissipation
24.1
mW
Digital Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
9.1
mW
Total Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
33.2
mW
Power Down Dissipation
9.7
μW
Sleep Mode
Power Dissipation, Sleep mode
14.2
mW
Clock Inputs
Max. Conversion Rate
40
MSPS
Min. Conversion Rate
20
MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com